Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 116 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 116 Page - Intel Corporation

Back Button 910GL Datasheet HTML 112Page - Intel Corporation 910GL Datasheet HTML 113Page - Intel Corporation 910GL Datasheet HTML 114Page - Intel Corporation 910GL Datasheet HTML 115Page - Intel Corporation 910GL Datasheet HTML 116Page - Intel Corporation 910GL Datasheet HTML 117Page - Intel Corporation 910GL Datasheet HTML 118Page - Intel Corporation 910GL Datasheet HTML 119Page - Intel Corporation 910GL Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
116
Datasheet
7.1
Direct Media Interface (DMI) RCRB Register Details
7.1.1
DMIVCECH—DMI Virtual Channel Enhanced Capability
Header
MMIO Range:
DMIBAR
Address Offset:
000h
Default Value:
04010002h
Access:
RO
Size:
32 bits
This register indicates DMI Virtual Channel capabilities.
Bit
Access &
Default
Description
31:20
RO
040h
Pointer to Next Capability: This field indicates the next item in the list.
19:16
RO
1h
Capability Version: This field indicates support as a version 1 capability
structure.
15:0
RO
0002h
Capability ID: This field indicates this is the Virtual Channel capability item.
7.1.2
DMIPVCCAP1—DMI Port VC Capability Register 1
MMIO Range:
DMIBAR
Address Offset:
004h
Default Value:
00000001h
Access:
R/WO, RO
Size:
32 bits
This register describes the configuration of Virtual Channels associated with this port.
Bit
Access &
Default
Description
31:12
Reserved
11:10
RO
00b
Port Arbitration Table Entry Size (PATS): This field indicates the size of the
port arbitration table is 4 bits (to allow up to 8 ports).
9:8
RO
00b
Reference Clock (RC)
Fixed at 10 ns.
7
Reserved
6:4
RO
000b
Low Priority Extended VC Count (LPEVC): This field indicates that there are
no additional VCs of low priority with extended capabilities.
3
Reserved
2:0
R/WO
001b
Extended VC Count: This field indicates that there is one additional VC (VC1)
that exists with extended capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com