Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 115 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 115 Page - Intel Corporation

Back Button 910GL Datasheet HTML 111Page - Intel Corporation 910GL Datasheet HTML 112Page - Intel Corporation 910GL Datasheet HTML 113Page - Intel Corporation 910GL Datasheet HTML 114Page - Intel Corporation 910GL Datasheet HTML 115Page - Intel Corporation 910GL Datasheet HTML 116Page - Intel Corporation 910GL Datasheet HTML 117Page - Intel Corporation 910GL Datasheet HTML 118Page - Intel Corporation 910GL Datasheet HTML 119Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 426 page
background image
DMIBAR Registers—Direct Media Interface (DMI) RCRB
R
Datasheet
115
7
DMIBAR Registers—Direct Media
Interface (DMI) RCRB
This Root Complex Register Block (RCRB) controls the (G)MCH-Intel ICH6 serial interconnect.
The base address of this space is programmed in DMIBAR in device 0 configuration space. These
registers are offset from the DMIBAR base address
Table 7-1. DMI Register Address Map Summary
Address
offset
Register
Symbol
Register Name
PCI Dev #
000–003h
DMIVCECH
DMI Virtual Channel Enhanced Capability Header
DMIBAR
004–007h
DMIPVCCAP1
DMI Port VC Capability Register 1
DMIBAR
008–00Bh
DMIPVCCAP2
DMI Port VC Capability Register 2
DMIBAR
00C–00Dh
DMIPVCCTL
DMI Port VC Control
DMIBAR
00E–00Fh
—
Reserved
DMIBAR
010–013h
DMIVC0RCAP
DMI VC0 Resource Capability
DMIBAR
014–017h
DMIVC0RCTL
DMI VC0 Resource Control
DMIBAR
018–019h
—
Reserved
DMIBAR
01A–01Bh
DMIVC0RSTS
DMI VC0 Resource Status
DMIBAR
01C–01Fh
DMIVC1RCAP
DMI VC1 Resource Capability
DMIBAR
020–023h
DMIVC1RCTL
DMI VC1 Resource Control
DMIBAR
024–025h
—
Reserved
DMIBAR
026–027h
DMIVC1RSTS
DMI VC1 Resource Status
DMIBAR
028–083h
—
Reserved
DMIBAR
084–087h
DMILCAP
DMI Link Capabilities
DMIBAR
088–089h
DMILCTL
DMI Link Control
DMIBAR
08A–08Bh
DMILSTS
DMI Link Status
DMIBAR
08C–FFFh
—
Reserved
DMIBAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com