Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 139 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 139 Page - Intel Corporation

Back Button 910GL Datasheet HTML 135Page - Intel Corporation 910GL Datasheet HTML 136Page - Intel Corporation 910GL Datasheet HTML 137Page - Intel Corporation 910GL Datasheet HTML 138Page - Intel Corporation 910GL Datasheet HTML 139Page - Intel Corporation 910GL Datasheet HTML 140Page - Intel Corporation 910GL Datasheet HTML 141Page - Intel Corporation 910GL Datasheet HTML 142Page - Intel Corporation 910GL Datasheet HTML 143Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
139
8.1.17
PMBASE1—Prefetchable Memory Base Address (D1:F0)
PCI Device:
1
Address Offset:
24h
Default Value:
FFF0h
Access:
RO, R/W
Size:
16 bits
This register, in conjunction with the corresponding Upper Base Address register, controls the
processor-to-PCI Express Graphics prefetchable memory access routing based on the following
formula:
PREFETCHABLE_MEMORY_BASE
≤ address ≤ PREFETCHABLE_MEMORY_LIMIT
The upper 12 bits of this register are read/write and correspond to address bits A[31:20] of the 40-
bit address. The lower 8 bits of the Upper Base Address register are read/write and correspond to
address bits A[39:32] of the 40-bit address. The configuration software must initialize this
register. For the purpose of address decode, address bits A[19:0] are assumed to be 0. Thus, the
bottom of the defined memory address range will be aligned to a 1-MB boundary.
Bit
Access &
Default
Description
15:4
R/W
FFFh
Prefetchable Memory Base Address (MBASE): This field corresponds to
A[31:20] of the lower limit of the memory range that will be passed to PCI
Express*.
3:0
RO
0h
64-bit Address Support: This field indicates that the bridge supports only 32 bit
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com