Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 143 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 143 Page - Intel Corporation

Back Button 910GL Datasheet HTML 139Page - Intel Corporation 910GL Datasheet HTML 140Page - Intel Corporation 910GL Datasheet HTML 141Page - Intel Corporation 910GL Datasheet HTML 142Page - Intel Corporation 910GL Datasheet HTML 143Page - Intel Corporation 910GL Datasheet HTML 144Page - Intel Corporation 910GL Datasheet HTML 145Page - Intel Corporation 910GL Datasheet HTML 146Page - Intel Corporation 910GL Datasheet HTML 147Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
143
Bit
Access &
Default
Description
2
R/W
0b
ISA Enable (ISAEN): This bit is needed to exclude legacy resource decode to
route ISA resources to legacy decode path. This bit modifies the response by the
(G)MCH to an I/O access issued by the processor that target ISA I/O addresses.
This applies only to I/O addresses that are enabled by the IOBASE and IOLIMIT
registers.
0 = All addresses defined by the IOBASE and IOLIMIT for processor I/O
transactions will be mapped to PCI Express Graphics.
1 = (G)MCH will not forward to PCI Express Graphics any I/O transactions
addressing the last 768 bytes in each 1-KB block, even if the addresses are
within the range defined by the IOBASE and IOLIMIT registers. Instead of
going to PCI Express Graphics, these cycles are forwarded to DMI where
they can be subtractively or positively claimed by the ISA bridge.
1
R/W
0b
SERR Enable (SERREN)
0 = No forwarding of error messages from secondary side to primary side that
could result in an SERR.
1 = ERR_COR, ERR_NONFATAL, and ERR_FATAL messages result in SERR
message when individually enabled by the Root Control register.
0
RO
0b
Parity Error Response Enable (PEREN): This bit controls whether or not the
Master Data Parity Error bit in the Secondary Status register is set when the
MCH receives across the link (upstream) a Read Data Completion Poisoned
TLP.
0 = Master Data Parity Error bit in Secondary Status register cannot be set.
1 = Master Data Parity Error bit in Secondary Status register can be set..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com