Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 146 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 146 Page - Intel Corporation

Back Button 910GL Datasheet HTML 142Page - Intel Corporation 910GL Datasheet HTML 143Page - Intel Corporation 910GL Datasheet HTML 144Page - Intel Corporation 910GL Datasheet HTML 145Page - Intel Corporation 910GL Datasheet HTML 146Page - Intel Corporation 910GL Datasheet HTML 147Page - Intel Corporation 910GL Datasheet HTML 148Page - Intel Corporation 910GL Datasheet HTML 149Page - Intel Corporation 910GL Datasheet HTML 150Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
146
Datasheet
8.1.25
SS_CAPID—Subsystem ID and Vendor ID Capabilities
(D1:F0)
PCI Device:
1
Address Offset:
88h
Default Value:
0000800Dh
Access:
RO
Size:
32 bits
This capability is used to uniquely identify the subsystem where the PCI device resides. Because
this device is an integrated part of the system and not an add-in device, it is anticipated that this
capability will never be used. However, it is necessary because Microsoft will test for its
presence.
Bit
Access &
Default
Description
31:16
Reserved
15:8
RO
80h
Pointer to Next Capability: This field contains a pointer to the next item in the
capabilities list which is the PCI Power Management capability.
7:0
RO
0D h
Capability ID: A value of 0Dh identifies this linked list item (capability structure)
as being for SSID/SSVID registers in a PCI-to-PCI Bridge.
8.1.26
SS—Subsystem ID and Subsystem Vendor ID (D1:F0)
PCI Device:
1
Address Offset:
8Ch
Default Value:
00008086h
Access:
RO
Size:
32 bits
System BIOS can be used as the mechanism for loading the SSID/SVID values. These values
must be preserved through power management transitions and hardware reset.
Bit
Access &
Default
Description
31:16
R/WO
0000h
Subsystem ID (SSID): This field identifies the particular subsystem and is
assigned by the vendor.
15:0
R/WO
8086h
Subsystem Vendor ID (SSVID): This field identifies the manufacturer of the
subsystem and is the same as the vendor ID that is assigned by the PCI Special
Interest Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com