Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 150 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 150 Page - Intel Corporation

Back Button 910GL Datasheet HTML 146Page - Intel Corporation 910GL Datasheet HTML 147Page - Intel Corporation 910GL Datasheet HTML 148Page - Intel Corporation 910GL Datasheet HTML 149Page - Intel Corporation 910GL Datasheet HTML 150Page - Intel Corporation 910GL Datasheet HTML 151Page - Intel Corporation 910GL Datasheet HTML 152Page - Intel Corporation 910GL Datasheet HTML 153Page - Intel Corporation 910GL Datasheet HTML 154Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
150
Datasheet
8.1.31
PEG_CAPL—PCI Express* Capability List (D1:F0)
PCI Device:
1
Address Offset:
A0h
Default Value:
0010h
Access:
RO
Size:
16 bits
This register enumerates the PCI Express capability structure.
Bit
Access &
Default
Description
15:8
RO
00h
Pointer to Next Capability: This value terminates the capabilities list. The Virtual
Channel capability and any other PCI Express* specific capabilities that are
reported via this mechanism are in a separate capabilities list located entirely
within PCI Express extended configuration space.
7:0
RO
10h
Capability ID: This field identifies this linked list item (capability structure) as
being for PCI Express registers.
8.1.32
PEG_CAP—PCI Express*-G Capabilities (D1:F0)
PCI Device:
1
Address Offset:
A2h
Default Value:
0141h
Access:
RO
Size:
16 bits
Indicates PCI Express device capabilities.
Bit
Access &
Default
Description
15:14
Reserved
13:9
RO
00h
Interrupt Message Number: Hardwired to 0.
8
R/WO
1b
Slot Implemented
0 = The PCI Express* Link associated with this port is connected to an integrated
component or is disabled.
1 = The PCI Express Link associated with this port is connected to a slot.
BIOS must initialize this field appropriately if a slot connection is not implemented.
7:4
RO
4h
Device/Port Type: Hardwired to 0100 to indicate root port of PCI Express Root
Complex.
3:0
RO
1h
PCI Express Capability Version: Hardwired to 1 as it is the first version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com