Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 153 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 153 Page - Intel Corporation

Back Button 910GL Datasheet HTML 149Page - Intel Corporation 910GL Datasheet HTML 150Page - Intel Corporation 910GL Datasheet HTML 151Page - Intel Corporation 910GL Datasheet HTML 152Page - Intel Corporation 910GL Datasheet HTML 153Page - Intel Corporation 910GL Datasheet HTML 154Page - Intel Corporation 910GL Datasheet HTML 155Page - Intel Corporation 910GL Datasheet HTML 156Page - Intel Corporation 910GL Datasheet HTML 157Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
153
8.1.35
DSTS—Device Status (D1:F0)
PCI Device:
1
Address Offset:
AAh
Default Value:
0000h
Access:
RO
Size:
16 bits
This register reflects status corresponding to controls in the Device Control register.
Note:
The error reporting bits are in reference to errors detected by this device, not errors messages
received across the link.
Bit
Access &
Default
Description
15:6
Reserved
5
RO
0b
Transactions Pending
0 = All pending transactions (including completions for any outstanding non-
posted requests on any used virtual channel) have been completed.
1 = Device has transaction(s) pending (including completions for any outstanding
non-posted requests for all used Traffic Classes).
4
Reserved
3
R/WC
0b
Unsupported Request Detected:
1 = Device received an Unsupported Request. Errors are logged in this register
regardless of whether error reporting is enabled or not in the Device Control
Register.
2
R/WC
0b
Fatal Error Detected:
1 = Fatal error(s) were detected. Errors are logged in this register regardless of
whether error reporting is enabled or not in the Device Control register.
1
R/WC
0b
Non-Fatal Error Detected:
1 = Non-fatal error(s) were detected. Errors are logged in this register regardless
of whether error reporting is enabled or not in the Device Control register.
0
R/WC
0b
Correctable Error Detected:
1 = Correctable error(s) were detected. Errors are logged in this register
regardless of whether error reporting is enabled or not in the Device Control
register.
Note: The (G)MCH may report a false 8B/10B Receiver Error when exiting L0s.
This is reported thru the Correctable Error Detected bit CESTS device 1, offset
1D0h, Bit [0]. This will reduce the value of Receiver Error detection when L0s is
enabled. Disable L0s for accurate Receiver Error reporting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com