Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 155 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 155 Page - Intel Corporation

Back Button 910GL Datasheet HTML 151Page - Intel Corporation 910GL Datasheet HTML 152Page - Intel Corporation 910GL Datasheet HTML 153Page - Intel Corporation 910GL Datasheet HTML 154Page - Intel Corporation 910GL Datasheet HTML 155Page - Intel Corporation 910GL Datasheet HTML 156Page - Intel Corporation 910GL Datasheet HTML 157Page - Intel Corporation 910GL Datasheet HTML 158Page - Intel Corporation 910GL Datasheet HTML 159Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
155
8.1.37
LCTL—Link Control (D1:F0)
PCI Device:
1
Address Offset:
B0h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
This register allows control of PCI Express link.
Bit
Access &
Default
Description
15:8
Reserved
7
R/W
0h
Reserved. Must be 0 when writing this register.
6
R/W
0b
Common Clock Configuration
0 = This component and the component at the opposite end of this Link are
operating with asynchronous reference clock.
1 = This component and the component at the opposite end of this Link are
operating with a distributed common reference clock.
Components use this common clock configuration information to report the correct
L0s and L1 Exit Latencies.
5
R/W
0b
Retrain Link
0 = Normal operation
1 = Full Link retraining is initiated by directing the Physical Layer LTSSM from L0,
L0s, or L1 states to the Recovery state.
This bit always returns 0 when read. This bit is cleared automatically (no need to
write a 0).
4
R/W
0b
Link Disable
0 = Normal operation
1 = Link is disabled. Forces the LTSSM to transition to the Disabled state (via
Recovery) from L0, L0s, or L1 states.
Link retraining happens automatically on 0 to 0 transition, just like when coming
out of reset. Writes to this bit are immediately reflected in the value read from the
bit, regardless of actual Link state.
3
RO
0b
Read Completion Boundary (RCB): Hardwired to 0 to indicate 64 byte.
2
Reserved
1:0
R/W
00b
Active State PM: This field controls the level of active state power management
supported on the given link.
00 = Disabled
01 = L0s Entry Supported
10 = Reserved
11 = L0s and L1 Entry Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com