Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 158 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 158 Page - Intel Corporation

Back Button 910GL Datasheet HTML 154Page - Intel Corporation 910GL Datasheet HTML 155Page - Intel Corporation 910GL Datasheet HTML 156Page - Intel Corporation 910GL Datasheet HTML 157Page - Intel Corporation 910GL Datasheet HTML 158Page - Intel Corporation 910GL Datasheet HTML 159Page - Intel Corporation 910GL Datasheet HTML 160Page - Intel Corporation 910GL Datasheet HTML 161Page - Intel Corporation 910GL Datasheet HTML 162Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
158
Datasheet
8.1.40
SLOTCTL—Slot Control (D1:F0)
PCI Device:
1
Address Offset:
B8h
Default Value:
01C0h
Access:
R/W
Size:
16 bits
PCI Express slot related registers allow for the support of Hot-Plug.
Bit
Access &
Default
Description
15:10
Reserved
9:8
R/W
01b
Power Indicator Control: Reads to this register return the current state of the
Power Indicator.
Writes to this register set the Power Indicator and cause the Port to send the
appropriate POWER_INDICATOR_* messages.
00 = Reserved
01 = On
10 = Blink
11 = Off
7:6
R/W
11b
Attention Indicator Control: Reads to this register return the current state of
the Attention Indicator.
Writes to this register set the Attention Indicator and cause the Port to send the
appropriate ATTENTION_INDICATOR_* messages.
00 = Reserved
01 = On
10 = Blink
11 = Off
5
R/W
0b
Hot plug Interrupt Enable:
0 = Disable.
1 = Enables generation of hot plug interrupt on enabled hot plug events.
4
R/W
0b
Command Completed Interrupt Enable:
0 = Disable.
1 = Enables the generation of hot plug interrupt when the Hot plug controller
completes a command.
3
R/W
0b
Presence Detect Changed Enable:
0 = Disable.
1 = Enables the generation of hot plug interrupt or wake message on a
presence detect changed event.
2:1
Reserved
0
R/W
0b
Attention Button Pressed Enable:
0 = Disable.
1 = Enables the generation of hot plug interrupt or wake message on an
attention button pressed event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com