Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 162 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 162 Page - Intel Corporation

Back Button 910GL Datasheet HTML 158Page - Intel Corporation 910GL Datasheet HTML 159Page - Intel Corporation 910GL Datasheet HTML 160Page - Intel Corporation 910GL Datasheet HTML 161Page - Intel Corporation 910GL Datasheet HTML 162Page - Intel Corporation 910GL Datasheet HTML 163Page - Intel Corporation 910GL Datasheet HTML 164Page - Intel Corporation 910GL Datasheet HTML 165Page - Intel Corporation 910GL Datasheet HTML 166Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
162
Datasheet
8.1.44
PEGLC—PCI Express*-G Legacy Control
PCI Device:
1
Address Offset:
ECh
Default Value:
00000000h
Access:
RO, R/W
Size:
32 bits
This register controls functionality that is needed by Legacy (non-PCI Express aware) OS’s
during run time.
Bit
Access &
Default
Description
31:3
RO
0000
0000h
Reserved
2
R/W
0b
PME GPE Enable (PMEGPE):
0 = Do not generate GPE PME message when PME is received.
1 = Enable. Generate a GPE PME message when PME is received
(Assert_PMEGPE and Deassert_PMEGPE messages on DMI). This enables
the (G)MCH to support PMEs on the PCI Express* x16 Graphics Interface
port under legacy OSs.
1
R/W
0b
Hot-Plug GPE Enable (HPGPE)
0 = Do not generate GPE Hot-Plug message when Hot-Plug event is received.
1 = Enable. Generate a GPE Hot-Plug message when Hot-Plug Event is received
(Assert_HPGPE and Deassert_HPGPE messages on DMI). This enables the
(G)MCH to support Hot-Plug on the PCI Express* x16 Graphics Interface port
under legacy OSs.
0
R/W
0b
General Message GPE Enable (GENGPE)
0 = Do not forward received GPE assert/deassert messages.
1 = Enable. Forward received GPE assert/deassert messages. These general
GPE message can be received via the PCI Express* x16 Graphics Interface
port from an external Intel device and will be subsequently forwarded to the
Intel
® ICH6 (via Assert_GPE and Deassert_GPE messages on DMI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com