Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 160 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 160 Page - Intel Corporation

Back Button 910GL Datasheet HTML 156Page - Intel Corporation 910GL Datasheet HTML 157Page - Intel Corporation 910GL Datasheet HTML 158Page - Intel Corporation 910GL Datasheet HTML 159Page - Intel Corporation 910GL Datasheet HTML 160Page - Intel Corporation 910GL Datasheet HTML 161Page - Intel Corporation 910GL Datasheet HTML 162Page - Intel Corporation 910GL Datasheet HTML 163Page - Intel Corporation 910GL Datasheet HTML 164Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
160
Datasheet
8.1.42
RCTL—Root Control (D1:F0)
PCI Device:
1
Address Offset:
BCh
Default Value:
0000h
Access:
R/W
Size:
16 bits
This register allows control of PCI Express Root Complex specific parameters. The system error
control bits in this register determine if corresponding SERRs are generated when our device
detects an error (reported in this device’s Device Status register) or when an error message is
received across the link. Reporting of SERR as controlled by these bits takes precedence over the
SERR Enable in the PCI Command Register.
Bit
Access &
Default
Description
15:4
Reserved
3
R/W
0b
PME Interrupt Enable
0 = No interrupts are generated as a result of receiving PME messages.
1 = Enables interrupt generation upon receipt of a PME message as reflected in
the PME Status bit of the Root Status Register. A PME interrupt is also
generated if the PME Status bit of the Root Status Register is set when this bit
is set from a cleared state.
2
R/W
0b
System Error on Fatal Error Enable: This bit controls the Root Complex’s
response to fatal errors.
0 = No SERR generated on receipt of fatal error.
1 = Indicates that an SERR should be generated if a fatal error is reported by any
of the devices in the hierarchy associated with this Root Port, or by the Root
Port itself.
1
R/W
0b
System Error on Non-Fatal Uncorrectable Error Enable: This bit controls the
Root Complex’s response to non-fatal errors.
0 = No SERR generated on receipt of non-fatal error.
1 = Indicates that an SERR should be generated if a non-fatal error is reported by
any of the devices in the hierarchy associated with this Root Port, or by the
Root Port itself.
0
R/W
0b
System Error on Correctable Error Enable: This bit controls the Root Complex’s
response to correctable errors.
0 = No SERR generated on receipt of correctable error.
1 = Indicates that an SERR should be generated if a correctable error is reported
by any of the devices in the hierarchy associated with this Root Port, or by the
Root Port itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com