Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 163 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 163 Page - Intel Corporation

Back Button 910GL Datasheet HTML 159Page - Intel Corporation 910GL Datasheet HTML 160Page - Intel Corporation 910GL Datasheet HTML 161Page - Intel Corporation 910GL Datasheet HTML 162Page - Intel Corporation 910GL Datasheet HTML 163Page - Intel Corporation 910GL Datasheet HTML 164Page - Intel Corporation 910GL Datasheet HTML 165Page - Intel Corporation 910GL Datasheet HTML 166Page - Intel Corporation 910GL Datasheet HTML 167Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
163
8.1.45
VCECH—Virtual Channel Enhanced Capability Header
(D1:F0)
PCI Device:
1
Address Offset:
100h
Default Value:
14010002h
Access:
RO
Size:
32 bits
This register indicates PCI Express device Virtual Channel capabilities.
Note:
Extended capability structures for PCI Express devices are located in PCI Express extended
configuration space and have different field definitions than standard PCI capability structures.
Bit
Access &
Default
Description
31:20
RO
140h
Pointer to Next Capability: The Link Declaration Capability is the next in the PCI
Express* extended capabilities list.
19:16
RO
1h
PCI Express Virtual Channel Capability Version: Hardwired to 1 to indicate
compliances with the 1.0a version of the PCI Express specification.
15:0
RO
0002h
Extended Capability ID: Value of 0002 h identifies this linked list item (capability
structure) as being for PCI Express Virtual Channel registers.
8.1.46
PVCCAP1—Port VC Capability Register 1 (D1:F0)
PCI Device:
1
Address Offset:
104h
Default Value:
00000001h
Access:
RO, R/WO
Size:
32 bits
This register describes the configuration of PCI Express Virtual Channels associated with this
port.
Bit
Access &
Default
Description
31:7
Reserved
6:4
RO
000b
Low Priority Extended VC Count: This field indicates the number of (extended)
Virtual Channels in addition to the default VC belonging to the low-priority VC
(LPVC) group that has the lowest priority with respect to other VC resources in a
strict-priority VC Arbitration.
The value of 0 in this field implies strict VC arbitration.
3
Reserved
2:0
R/WO
001b
Extended VC Count: This field indicates the number of (extended) Virtual
Channels in addition to the default VC supported by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com