Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 164 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 164 Page - Intel Corporation

Back Button 910GL Datasheet HTML 160Page - Intel Corporation 910GL Datasheet HTML 161Page - Intel Corporation 910GL Datasheet HTML 162Page - Intel Corporation 910GL Datasheet HTML 163Page - Intel Corporation 910GL Datasheet HTML 164Page - Intel Corporation 910GL Datasheet HTML 165Page - Intel Corporation 910GL Datasheet HTML 166Page - Intel Corporation 910GL Datasheet HTML 167Page - Intel Corporation 910GL Datasheet HTML 168Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
164
Datasheet
8.1.47
PVCCAP2—Port VC Capability Register 2 (D1:F0)
PCI Device:
1
Address Offset:
108h
Default Value:
00000001h
Access:
RO
Size:
32 bits
This register describes the configuration of PCI Express Virtual Channels associated with this
port.
Bit
Access &
Default
Description
31:24
RO
00h
VC Arbitration Table Offset: This field indicates the location of the VC Arbitration
Table. This field contains the zero-based offset of the table in DQWORDS (16
bytes) from the base address of the Virtual Channel Capability Structure. A value
of 0 indicates that the table is not present (due to fixed VC priority).
23:8
Reserved
7:0
RO
01h
VC Arbitration Capability: This field indicates that the only possible VC
arbitration scheme is hardware fixed (in the root complex).
VC1 is the highest priority, VC0 is the lowest priority.
8.1.48
PVCCTL—Port VC Control (D1:F0)
PCI Device:
1
Address Offset:
10Ch
Default Value:
0000h
Access:
R/W
Size:
16 bits
Bit
Access &
Default
Description
15:4
Reserved
3:1
R/W
000b
VC Arbitration Select: This field will be programmed by software to the only
possible value as indicated in the VC Arbitration Capability field. The value 001b
when written to this field will indicate the VC arbitration scheme is hardware fixed
(in the root complex).
This field can not be modified when more than one VC in the LPVC group is
enabled.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com