Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 168 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 168 Page - Intel Corporation

Back Button 910GL Datasheet HTML 164Page - Intel Corporation 910GL Datasheet HTML 165Page - Intel Corporation 910GL Datasheet HTML 166Page - Intel Corporation 910GL Datasheet HTML 167Page - Intel Corporation 910GL Datasheet HTML 168Page - Intel Corporation 910GL Datasheet HTML 169Page - Intel Corporation 910GL Datasheet HTML 170Page - Intel Corporation 910GL Datasheet HTML 171Page - Intel Corporation 910GL Datasheet HTML 172Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
168
Datasheet
8.1.54
VC1RSTS—VC1 Resource Status (D1:F0)
PCI Device:
1
Address Offset:
126h
Default Value:
0000h
Access:
RO
Size:
16 bits
This register reports the Virtual Channel specific status.
Bit
Access &
Default
Description
15:2
Reserved
1
RO
1b
VC1 Negotiation Pending
0 = The VC negotiation is complete.
1 = The VC resource is still in the process of negotiation (initialization or
disabling).
This bit indicates the status of the process of Flow Control initialization. It is set by
default on Reset, as well as when the corresponding Virtual Channel is Disabled
or the Link is in the DL_Down state. It is cleared when the link successfully exits
the FC_INIT2 state
Before using a Virtual Channel, software must check whether the VC Negotiation
Pending fields for that Virtual Channel are cleared in both Components on a Link.
0
Reserved
8.1.55
RCLDECH—Root Complex Link Declaration Enhanced
Capability Header (D1:F0)
PCI Device:
1
Address Offset:
140h
Default Value:
00010005h
Access:
RO
Size:
32 bits
This capability declares links from this element (PCI Express* x16 Graphics Interface) to other
elements of the root complex component to which it belongs. See the PCI Express specification
for link/topology declaration requirements.
Bit
Access &
Default
Description
31:20
RO
000h
Pointer to Next Capability: This is the last capability in the PCI Express*
extended capabilities list.
19:16
RO
1h
Link Declaration Capability Version: Hardwired to 1 to indicate compliances
with the 1.0a version of the PCI Express specification.
15:0
RO
0005h
Extended Capability ID: Value of 0005h identifies this linked list item (capability
structure) as being for PCI Express Link Declaration Capability.
Note:
See corresponding Egress Port Link Declaration Capability registers for diagram of Link
Declaration Topology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com