Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 169 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 169 Page - Intel Corporation

Back Button 910GL Datasheet HTML 165Page - Intel Corporation 910GL Datasheet HTML 166Page - Intel Corporation 910GL Datasheet HTML 167Page - Intel Corporation 910GL Datasheet HTML 168Page - Intel Corporation 910GL Datasheet HTML 169Page - Intel Corporation 910GL Datasheet HTML 170Page - Intel Corporation 910GL Datasheet HTML 171Page - Intel Corporation 910GL Datasheet HTML 172Page - Intel Corporation 910GL Datasheet HTML 173Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
169
8.1.56
ESD—Element Self Description (D1:F0)
PCI Device:
1
Address Offset:
144h
Default Value:
02000100h
Access:
RO, R/WO
Size:
32 bits
This register provides information about the root complex element containing this Link
Declaration Capability.
Bit
Access &
Default
Description
31:24
RO
02h
Port Number: This field specifies the port number associated with this element
with respect to the component that contains this element. The egress port of the
component to provide arbitration to this Root Complex Element uses this port
number value.
23:16
R/WO
00h
Component ID: This field indicates the physical component that contains this
Root Complex Element. Component IDs start at 1.
This value is a mirror of the value in the Component ID field of all elements in this
component. The value only needs to be written in one of the mirrored fields and it
will be reflected everywhere that it is mirrored.
15:8
RO
01h
Number of Link Entries: This field indicates the number of link entries following
the Element Self Description. This field reports 1 (to Egress port only as peer-to-
peer capabilities in this topology are not reported).
7:4
Reserved
3:0
RO
0h
Element Type: This field indicates the type of the Root Complex Element.
0h = root port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com