Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 171 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 171 Page - Intel Corporation

Back Button 910GL Datasheet HTML 167Page - Intel Corporation 910GL Datasheet HTML 168Page - Intel Corporation 910GL Datasheet HTML 169Page - Intel Corporation 910GL Datasheet HTML 170Page - Intel Corporation 910GL Datasheet HTML 171Page - Intel Corporation 910GL Datasheet HTML 172Page - Intel Corporation 910GL Datasheet HTML 173Page - Intel Corporation 910GL Datasheet HTML 174Page - Intel Corporation 910GL Datasheet HTML 175Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
171
8.1.58
LE1A—Link Entry 1 Address (D1:F0)
PCI Device:
1
Address Offset:
158h
Default Value:
0000000000000000h
Access:
R/WO
Size:
64 bits
This register provides the second part of a Link Entry that declares an internal link to another
Root Complex Element.
Bit
Access &
Default
Description
63:32
Reserved
31:12
R/WO
0 0000h
Link Address: This field indicates memory-mapped base address of the RCRB
that is the target element (Egress Port) for this link entry.
11:0
Reserved
8.1.59
PEGSSTS—PCI Express*-G Sequence Status (D1:F0)
PCI Device:
1
Address Offset:
218h
Default Value:
0000000000000FFFh
Access:
RO
Size:
64 bits
This register provides PCI Express status reporting that is required by the PCI Express
specification.
Bit
Access &
Default
Description
63:60
Reserved
59:48
RO
000h
Next Transmit Sequence Number: Value of the NXT_TRANS_SEQ counter.
This counter represents the transmit Sequence number to be applied to the next
TLP to be transmitted onto the Link for the first time.
47:44
Reserved
43:32
RO
000h
Next Packet Sequence Number: Packet sequence number to be applied to the
next TLP to be transmitted or re-transmitted onto the Link.
31:28
Reserved
27:16
RO
000h
Next Receive Sequence Number: This is the sequence number associated with
the TLP that is expected to be received next.
15:12
Reserved
11:0
RO
FFFh
Last Acknowledged Sequence Number: This is the sequence number
associated with the last acknowledged TLP.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com