Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 173 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 173 Page - Intel Corporation

Back Button 910GL Datasheet HTML 169Page - Intel Corporation 910GL Datasheet HTML 170Page - Intel Corporation 910GL Datasheet HTML 171Page - Intel Corporation 910GL Datasheet HTML 172Page - Intel Corporation 910GL Datasheet HTML 173Page - Intel Corporation 910GL Datasheet HTML 174Page - Intel Corporation 910GL Datasheet HTML 175Page - Intel Corporation 910GL Datasheet HTML 176Page - Intel Corporation 910GL Datasheet HTML 177Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
Datasheet
173
9
Integrated Graphics Device
Registers (D2:F0)
(Intel
® 82915G/82915GV/82915GL/
82910GL GMCH Only)
Device 2 contains registers for the internal graphics functions. Table 9-1 lists the PCI
configuration registers in order of ascending offset address. Function 0 can be VGA compatible
or not, this is selected through bit 1 of GGC register (Device 0, offset 52h). The following
sections describe Device 2 PCI configuration registers only.
Table 9-1. Integrated Graphics Device Register Address Map (D2:F0)
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–01h
VID2
Vendor Identification
8086h
RO
02–03h
DID2
Device Identification
2582h
RO
04–05h
PCICMD2
PCI Command
0000h
RO, R/W
06–07h
PCISTS2
PCI Status
0090h
RO
08h
RID2
Revision Identification
See register
description
RO
09–0Bh
CC
Class Code
030000h
RO
0Ch
CLS
Cache Line Size
00h
RO
0Dh
MLT2
Master Latency Timer
00h
RO
0Eh
HDR2
Header Type
80h
RO
0Fh
—
Reserved
—
—
10–13h
MMADR
Memory Mapped Range Address
00000000h
RO, R/W
14–17h
IOBAR
I/O Base Address
00000001h
RO, R/W
18–1Bh
GMADR
Graphics Memory Range Address
00000008h
RO, R/W/L
1C–1Fh
GTTADR
Graphics Translation Table Range Address
00000000h
RO, R/W
20–2Bh
—
Reserved
—
—
2C–2Dh
SVID2
Subsystem Vendor Identification
0000h
R/WO
2E–2Fh
SID2
Subsystem Identification
0000h
R/WO
30–33h
ROMADR
Video BIOS ROM Base Address
00000000h
RO
34h
CAPPOINT
Capabilities Pointer
D0h
RO
35–3Bh
—
Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com