Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 144 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 144 Page - Intel Corporation

Back Button 910GL Datasheet HTML 140Page - Intel Corporation 910GL Datasheet HTML 141Page - Intel Corporation 910GL Datasheet HTML 142Page - Intel Corporation 910GL Datasheet HTML 143Page - Intel Corporation 910GL Datasheet HTML 144Page - Intel Corporation 910GL Datasheet HTML 145Page - Intel Corporation 910GL Datasheet HTML 146Page - Intel Corporation 910GL Datasheet HTML 147Page - Intel Corporation 910GL Datasheet HTML 148Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
144
Datasheet
8.1.23
PM_CAPID1—Power Management Capabilities (D1:F0)
PCI Device:
1
Address Offset:
80h
Default Value:
1902 9001h or 1902 A001h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:27
RO
19h
PME Support: This field indicates the power states in which this device may
indicate PME wake via PCI Express messaging. D0, D3hot, and D3cold. This
device is not required to do anything to support D3hot and D3cold; it simply must
report that those states are supported. Refer to the PCI Power Management 1.1
specification for encoding explanation and other power management details.
26
RO
0b
D2: Hardwired to 0 to indicate that the D2 power management state is NOT
supported.
25
RO
0b
D1: Hardwired to 0 to indicate that the D1 power management state is NOT
supported.
24:22
RO
000b
Auxiliary Current: Hardwired to 0 to indicate that there are no 3.3Vaux auxiliary
current requirements.
21
RO
0 b
Device Specific Initialization (DSI): Hardwired to 0 to indicate that special
initialization of this device is NOT required before generic class device driver is to
use it.
20
RO
0b
Auxiliary Power Source (APS): Hardwired to 0.
19
RO
0b
PME Clock: Hardwired to 0 to indicate this device does NOT support PME#
generation.
18:16
RO
010b
PCI PM CAP Version: Hardwired to 02h to indicate there are 4 bytes of power
management registers implemented and that this device complies with revision
1.1 of the PCI Power Management Interface Specification.
15:8
RO
90h
or
A0h
Pointer to Next Capability: This field contains a pointer to the next item in the
capabilities list. If MSICH (CAPL[0] @ 7Fh) is 0, then the next item in the
capabilities list is the Message Signaled Interrupts (MSI) capability at 90h. If
MSICH (CAPL[0] @ 7Fh) is 1, then the next item in the capabilities list is the PCI
Express* capability at A0h.
7:0
RO
01h
Capability ID: Value of 01h identifies this linked list item (capability structure) as
being for PCI Power Management registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com