Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 188 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 188 Page - Intel Corporation

Back Button 910GL Datasheet HTML 184Page - Intel Corporation 910GL Datasheet HTML 185Page - Intel Corporation 910GL Datasheet HTML 186Page - Intel Corporation 910GL Datasheet HTML 187Page - Intel Corporation 910GL Datasheet HTML 188Page - Intel Corporation 910GL Datasheet HTML 189Page - Intel Corporation 910GL Datasheet HTML 190Page - Intel Corporation 910GL Datasheet HTML 191Page - Intel Corporation 910GL Datasheet HTML 192Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
188
Datasheet
9.1.27
MSAC—Multi Size Aperture Control (D2:F0)
PCI Device:
2
Address Offset:
62h
Default Value:
00h
Access:
R/W
Size:
8 bits
This register determines the size of the graphics memory aperture in function 0 and in the trusted
space. By default, the aperture size is 256 MB (bit 27 read only). If bit 1 is set to a 1, then the
aperture size is limited to 128 MB. Only the system BIOS will write this register based on pre-
boot address allocation efforts, but the graphics may read this register to determine the correct
aperture size. System BIOS needs to save this value on boot so that it can reset it correctly during
S3 resume.
Bit
Access &
Default
Description
7:4
R/W
0h
Scratch Bits Only. These bits have no physical effect on hardware.
3:2
Reserved
1
R/W
0b
256-MB Aperture Disable
0 = Bit 27 of GMADR and the equivalent trusted memory aperture is read-only,
allowing 256 MB of address space to be mapped.
1 = Bit 27 of GMADR and the equivalent trusted memory aperture is read-write,
limiting the address space to 128 MB.
0
Reserved
9.1.28
PMCAPID—Power Management Capabilities ID (D2:F0)
PCI Device:
2
Address Offset:
D0h
Default Value:
0001h
Access:
RO
Size:
16 bits
Bit
Access &
Default
Description
15:8
RO
00h
NEXT_PTR: This field contains a pointer to next item in capabilities list. This is
the final capability in the list and must be set to 00h.
7:0
RO
01h
CAP_ID: SIG defines this ID is 01h for power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com