Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 190 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 190 Page - Intel Corporation

Back Button 910GL Datasheet HTML 186Page - Intel Corporation 910GL Datasheet HTML 187Page - Intel Corporation 910GL Datasheet HTML 188Page - Intel Corporation 910GL Datasheet HTML 189Page - Intel Corporation 910GL Datasheet HTML 190Page - Intel Corporation 910GL Datasheet HTML 191Page - Intel Corporation 910GL Datasheet HTML 192Page - Intel Corporation 910GL Datasheet HTML 193Page - Intel Corporation 910GL Datasheet HTML 194Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
190
Datasheet
9.1.30
PMCS—Power Management Control/Status (D2:F0)
PCI Device:
2
Address Offset:
D4h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
Bit
Access &
Default
Description
15
RO
0b
PME_Status: This bit is 0 to indicate that IGD does not support PME# generation
from D3 (cold).
14:9
Reserved
8
RO
0b
PME_En: This bit is 0 to indicate that PME# assertion from D3 (cold) is disabled.
7:2
Reserved
1:0
R/W
00b
Power State: This field indicates the current power state of the IGD and can be
used to set the IGD into a new power state. If software attempts to write an
unsupported state to this field, the write operation must complete normally on the
bus, but the data is discarded and no state change occurs.
On a transition from D3 to D0 the graphics controller is optionally reset to initial
values. Behavior of the graphics controller in supported states is detailed in the
power management section.
00 = D0 (Default)
01 = D1 (Not Supported)
10 = D2 (Not Supported)
11 = D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com