Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 211 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 211 Page - Intel Corporation

Back Button 910GL Datasheet HTML 207Page - Intel Corporation 910GL Datasheet HTML 208Page - Intel Corporation 910GL Datasheet HTML 209Page - Intel Corporation 910GL Datasheet HTML 210Page - Intel Corporation 910GL Datasheet HTML 211Page - Intel Corporation 910GL Datasheet HTML 212Page - Intel Corporation 910GL Datasheet HTML 213Page - Intel Corporation 910GL Datasheet HTML 214Page - Intel Corporation 910GL Datasheet HTML 215Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 426 page
background image
System Address Map
R
Datasheet
211
11.2
Main Memory Address Range (1 MB to TOLUD)
This address range extends from 1 MB to the top of physical memory that is permitted to be
accessible by the (G)MCH (as programmed by in the TOLUD register). All accesses to addresses
within this range will be forwarded by the (G)MCH to the main memory unless they fall into the
optional TSEG, optional ISA Hole, or optional IGD stolen VGA memory.
The (G)MCH provides a maximum main memory address decode space of 4 GB. The (G)MCH
does not remap APIC or PCI Express memory space. This means that as the amount of physical
memory populated in the system reaches 4 GB, there will be physical memory that exists, yet non-
addressable; therefore, this memory is unusable by the system.
The (G)MCH does not limit main memory address space in hardware.
Figure 11-3. Main Memory Address Range
Flash
0h
Contains
programmable
windows, ICH6/PCI
ranges.
TOLUD
Main_Mem_Addr_G-P_Only
APIC
PCI Memory Range
0010_000h
IGD (1–32 MB, optional)
TSEG (1 MB / 2 MB /
8 MB, optional)
Main Memory
ISA Hole (optional)
Main Memory
DOS Compatibility
Memory
00F0_000h
0100_000h
0 MB
1 MB
15 MB
16 MB
4 GB Maximum
FFFF_FFFFh
11.2.1
ISA Hole (15 MB–16 MB)
BIOS can create a hole at 15 MB–16 MB. Accesses within this hole are forwarded to the DMI.
The range of physical main memory disabled by opening the hole is not remapped to the top of
the memory; that physical main memory space is not accessible. This 15 MB–16 MB hole is an
optionally enabled ISA hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com