Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 213 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 213 Page - Intel Corporation

Back Button 910GL Datasheet HTML 209Page - Intel Corporation 910GL Datasheet HTML 210Page - Intel Corporation 910GL Datasheet HTML 211Page - Intel Corporation 910GL Datasheet HTML 212Page - Intel Corporation 910GL Datasheet HTML 213Page - Intel Corporation 910GL Datasheet HTML 214Page - Intel Corporation 910GL Datasheet HTML 215Page - Intel Corporation 910GL Datasheet HTML 216Page - Intel Corporation 910GL Datasheet HTML 217Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 426 page
background image
System Address Map
R
Datasheet
213
⎯ Addresses decoded to the Memory Mapped Range of the Internal Graphics Device
(MMADR range). There is a MMADR range for device 2 function 0 and a MMADR
range for device 2 function 1. Both ranges are forwarded to the Internal Graphics
Device.
The exceptions listed above for internal graphics and the PCI Express ports MUST NOT overlap
with APCI Configuration, FSB Interrupt Space and High BIOS Address Range.
Figure 11-4. PCI Memory Address Range
High BIOS
E000_0000h
PCI_Address_Ranges_G-P-only
DMI Interface
(subtractively decode)
FSB Interrupts
DMI Interface
(subtractively decode)
Local (processor)
APIC
I/O APIC
DMI Interface
(subtractively decode)
PCI Express
Configuration Space
DMI Interface
(subtractively decode)
F000_0000h
FEC0_0000h
FEC8_0000h
FED0_0000h
FEE0_0000h
FEF0_0000h
FFE0_0000h
FFFF_FFFFh
4 GB
4 GB – 2 MB
4 GB – 17 MB
4 GB – 18 MB
4 GB – 19 MB
4 GB – 20 MB
4 GB – 256 MB
4 GB – 512 MB
TOLUD
Optional HSEG
FEDA_0000h to
FEDB_FFFFh
Possible address range
(Not guaranteed)
Programmable windows,
graphics ranges,
PCI Express* Port
could be here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com