Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 216 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 216 Page - Intel Corporation

Back Button 910GL Datasheet HTML 212Page - Intel Corporation 910GL Datasheet HTML 213Page - Intel Corporation 910GL Datasheet HTML 214Page - Intel Corporation 910GL Datasheet HTML 215Page - Intel Corporation 910GL Datasheet HTML 216Page - Intel Corporation 910GL Datasheet HTML 217Page - Intel Corporation 910GL Datasheet HTML 218Page - Intel Corporation 910GL Datasheet HTML 219Page - Intel Corporation 910GL Datasheet HTML 220Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 426 page
background image
System Address Map
R
216
Datasheet
11.3.8
Graphics Memory Address Ranges (Intel
®
82915G/82915GV/82915GL/82910GL GMCH Only)
The GMCH can be programmed to direct memory accesses to IGD when addresses are within any
of three programmable ranges.
• The Memory Map Base Register (MMADR) is used to access graphics control registers.
• The Graphics Memory Aperture Base Register (GMADR) is used to access graphics memory
allocated via the graphics translation table.
• The Graphics Translation Table Base Register (GTTADR) is used to access the translation
table.
Normally these ranges will reside above the Top-of-Main-DRAM and below High BIOS and
APIC address ranges. They normally reside above the top of memory (TOLUD) so that physical
DRAM memory space is not allocate to them.
The memory allocated via the graphics translation table is a Prefetchable range to apply USWC
attribute (from the processor point of view) to that range. The USWC attribute is used by the
processor for write combining.
11.4
System Management Mode (SMM)
System Management Mode uses main memory for System Management RAM (SMM RAM). The
(G)MCH supports: Compatible SMRAM (C_SMRAM), High Segment (HSEG), and Top of
Memory Segment (TSEG). System Management RAM space provides a memory area that is
available for the SMI handlers and code and data storage. This memory resource is normally
hidden from the system OS so that the processor has immediate access to this memory space upon
entry to SMM. (G)MCH provides three SMRAM options:
• Below 1-MB option that supports compatible SMI handlers.
• Above 1-MB option that allows new SMI handlers to execute with write-back cacheable
SMRAM.
• Optional TSEG area of 1 MB, 2 MB, or 8 MB in size. For the
82915G/82915GV/82915GL/82910GL GMCH, the TSEG area lies below IGD stolen
memory.
The above 1-MB solutions require changes to compatible SMRAM handler’s code to properly
execute above 1 MB.
Note:
DMI and PCI Express masters are not allowed to access the SMM space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com