Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 223 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 223 Page - Intel Corporation

Back Button 910GL Datasheet HTML 219Page - Intel Corporation 910GL Datasheet HTML 220Page - Intel Corporation 910GL Datasheet HTML 221Page - Intel Corporation 910GL Datasheet HTML 222Page - Intel Corporation 910GL Datasheet HTML 223Page - Intel Corporation 910GL Datasheet HTML 224Page - Intel Corporation 910GL Datasheet HTML 225Page - Intel Corporation 910GL Datasheet HTML 226Page - Intel Corporation 910GL Datasheet HTML 227Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 426 page
background image
Functional Description
R
Datasheet
223
12
Functional Description
This chapter describes the (G)MCH interfaces and major functional units.
12.1
Host Interface
The (G)MCH supports the Pentium 4 processor subset of the Enhanced Mode Scaleable Bus. The
cache line size is 64 bytes. Source synchronous transfer is used for the address and data signals.
The address signals are double pumped, and a new address can be generated every other bus
clock. At 133/200 MHz bus clock, the address signals run at 266/400 MT/s for a maximum
address queue rate of 66/100 million addresses/sec. The data is quad pumped and an entire
64 byte cache line can be transferred in two bus clocks. At 133/200 MHz bus clock the data
signals run at 533/800 MT/s for a maximum bandwidth of 4.2 GB/s or 6.4 GB/s.
Note:
The host interface on the 82910GL GMCH runs at 133 MHz only.
The FSB interface supports up to 12 simultaneous outstanding transactions. The (G)MCH
supports only one outstanding deferred transaction on the FSB.
12.1.1
FSB GTL+ Termination
The (G)MCH integrates GTL+ termination resistors on die. Also, approximately
2.8 pf (fast) – 3.3 pf (slow) per pad of on die capacitance will be implemented to provide better
FSB electrical performance.
12.1.2
FSB Dynamic Bus Inversion
The (G)MCH supports Dynamic Bus Inversion (DBI) when driving and when receiving data from
the processor. DBI limits the number of data signals that are driven to a low voltage on each quad
pumped data phase. This decreases the worst-case power consumption of the (G)MCH.
HDINV[3:0]# indicate if the corresponding 16 bits of data are inverted on the bus for each quad
pumped data phase:
HDINV[3:0]#
Data Bits
HDINV0#
HD[15:0]
HDINV1#
HD[31:16]
HDINV2#
HD[47:32]
HDINV3#
HD[63:48]
When the processor or the (G)MCH drives data, each 16-bit segment is analyzed. If more than 8
of the 16 signals would normally be driven low on the bus, the corresponding HDINVx# signal
will be asserted and the data will be inverted prior to being driven on the bus. When the processor
or the (G)MCH receives data, it monitors HDINV[3:0]# to determine if the corresponding data
segment should be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com