Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 226 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 226 Page - Intel Corporation

Back Button 910GL Datasheet HTML 222Page - Intel Corporation 910GL Datasheet HTML 223Page - Intel Corporation 910GL Datasheet HTML 224Page - Intel Corporation 910GL Datasheet HTML 225Page - Intel Corporation 910GL Datasheet HTML 226Page - Intel Corporation 910GL Datasheet HTML 227Page - Intel Corporation 910GL Datasheet HTML 228Page - Intel Corporation 910GL Datasheet HTML 229Page - Intel Corporation 910GL Datasheet HTML 230Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 426 page
background image
Functional Description
R
226
Datasheet
12.3
System Memory Configuration Registers Overview
The configuration registers located in the PCI configuration space of the (G)MCH control the
system memory operation. Following is a brief description of configuration registers.
• DRAM Rank Boundary (CxDRBy): The x represents a channel, either A (where x = 0) or
B (where x = 1). The y represents a rank, 0 through 3. DRB registers define the upper
addresses for a rank of DRAM devices in a channel. When the (G)MCH is configured in
asymmetric mode, each register represents a single rank. When the (G)MCH is configured in
a dual interleaved mode, each register represents a pair of corresponding ranks in opposing
channels. There are 4 DRB registers for each channel.
• DRAM Rank Architecture (CxDRAy): The x represents a channel, either A (where x = 0)
or B (where x = 1). The y represents a rank, 0 through 3. DRA registers specify the
architecture features of each rank of devices in a channel. The only architecture feature
specified is page size. When the (G)MCH is configured in asymmetric mode, each DRA
represents a single rank in a single channel. When the (G)MCH is configured in a dual-
channel lock-step or interleaved mode, each DRA represents a pair of corresponding ranks in
opposing channels. There are 4 DRA registers per channel. Each requires only 3 bits, so there
are two DRAs packed into a byte.
• Clock Configuration (CLKCFG): Specifies DRAM frequency. The same clock frequency
will be driven to all DIMMs.
• DRAM Timing (CxDRTy): The x represents a channel, A (where x = 0) or B
(where x = 1). A second register for a channel is differentiated by y, A or B. The DRT
registers define the timing parameters for all devices in a channel. The BIOS programs this
register with “least common denominator” values after reading the SPD registers of each
DIMM in the channel.
• DRAM Control (CxDRCy): The x represents a channel, A (where x = 0) or B
(where x = 1). A second register for a channel is differentiated by y, A or B. DRAM refresh
mode, rate, and other controls are selected here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com