Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 238 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 238 Page - Intel Corporation

Back Button 910GL Datasheet HTML 234Page - Intel Corporation 910GL Datasheet HTML 235Page - Intel Corporation 910GL Datasheet HTML 236Page - Intel Corporation 910GL Datasheet HTML 237Page - Intel Corporation 910GL Datasheet HTML 238Page - Intel Corporation 910GL Datasheet HTML 239Page - Intel Corporation 910GL Datasheet HTML 240Page - Intel Corporation 910GL Datasheet HTML 241Page - Intel Corporation 910GL Datasheet HTML 242Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 426 page
background image
Functional Description
R
238
Datasheet
12.6.3
Texture Engine
The GMCH allows an image, pattern, or video to be placed on the surface of a 3D polygon.
The texture processor receives the texture coordinate information from the setup engine and the
texture blend information from the scan converter. The texture processor performs texture color
or ChromaKey matching, texture filtering (anisotropic, trilinear, and bilinear interpolation), and
YUV to RGB conversions.
12.6.3.1
Perspective Correct Texture Support
A textured polygon is generated by mapping a 2D texture pattern onto each pixel of the polygon.
A texture map is like wallpaper pasted onto the polygon. Since polygons are rendered in
perspective, it is important that texture be mapped in perspective as well. Without perspective
correction, texture is distorted when an object recedes into the distance.
12.6.3.2
Texture Formats and Storage
The GMCH supports up to 32 bits of color for textures.
12.6.3.3
Texture Decompression
DirectX supports Texture Compression to reduce the bandwidth required to deliver textures. As
the textures’ average size gets larger with higher color depth and multiple textures become the
norm, it becomes increasingly important to provide a mechanism for compressing textures.
Texture decompression formats supported include DXT1, DXT2, DXT3, DXT4, DXT5 and
FXT1.
12.6.3.4
Texture ChromaKey
ChromaKey describes a method of removing a specific color or range of colors from a texture
map before it is applied to an object. For “nearest” texture filter modes, removing a color simply
makes those portions of the object transparent (the previous contents of the back buffer show
through). For “linear“ texture filtering modes, the texture filter is modified if only the non-nearest
neighbor texels match the key (range).
12.6.3.5
Anti-Aliasing
Aliasing is one of the artifacts that degrade image quality. In its simplest manifestation, aliasing
causes the jagged staircase effects on sloped lines and polygon edges. Another artifact is the
moiré patterns that occur as a result of a very small number of pixels available on screen to
contain the data of a high resolution texture map. More subtle effects are observed in animation,
where very small primitives blink in and out of view.
12.6.3.6
Texture Map Filtering
The GMCH supports many texture mapping modes. Perspective correct mapping is always
performed. As the map is fitted across the polygon, the map can be tiled, mirrored in either the U
or V directions, or mapped up to the end of the texture and no longer placed on the object (this is
known as clamp mode). The way a texture is combined with other object attributes is also
definable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com