Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 234 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 234 Page - Intel Corporation

Back Button 910GL Datasheet HTML 230Page - Intel Corporation 910GL Datasheet HTML 231Page - Intel Corporation 910GL Datasheet HTML 232Page - Intel Corporation 910GL Datasheet HTML 233Page - Intel Corporation 910GL Datasheet HTML 234Page - Intel Corporation 910GL Datasheet HTML 235Page - Intel Corporation 910GL Datasheet HTML 236Page - Intel Corporation 910GL Datasheet HTML 237Page - Intel Corporation 910GL Datasheet HTML 238Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 426 page
background image
Functional Description
R
234
Datasheet
12.5.2
Intel
® SDVO Modes
The port can be dynamically configured in several modes:
• Standard. This mode provides baseline SDVO functionality. Supports Pixel Rates between
25 and 200 MP/s. Utilizes three data pairs to transfer RGB data.
• Extended. This mode adds Alpha support to data stream. Extended mode supports Pixel rates
between 25 MP/s and 200 MP/s. The mode uses four data channels and is only supported on
SDVOB. Leverages channel C (SDVOC) Red pair as the Alpha pair for channel B (SDVOB).
Note: Operating in extended SDVO mode is mutually exclusive to the use of a second display
on SDVO.
• Dual Standard. This mode uses Standard data streams across both SDVOB and SDVOC.
Both channels can only run in Standard mode (3 data pairs) and each channel supports Pixel
Rates between 25 and 200 MP/s.
⎯ Dual Independent Standard (82915G only). In Dual Independent Standard mode, each
SDVO channel will see a different pixel stream. The data stream across SDVOB will not
be the same as the data stream across SDVOC.
⎯ Dual Simultaneous Standard. In Dual Simultaneous Standard mode, both SDVO
channels will see the same pixel stream. The data stream across SDVOB will be the same
as the data stream across SDVOC. The display timings will be identical, but the transfer
timings may not be (i.e., SDVOB clocks and data may not be perfectly aligned with
SDVOC clock and data as seen at the SDVO device(s)). Since this mode uses just a
single data stream, it uses a single pixel pipeline within the GMCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com