Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 232 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 232 Page - Intel Corporation

Back Button 910GL Datasheet HTML 228Page - Intel Corporation 910GL Datasheet HTML 229Page - Intel Corporation 910GL Datasheet HTML 230Page - Intel Corporation 910GL Datasheet HTML 231Page - Intel Corporation 910GL Datasheet HTML 232Page - Intel Corporation 910GL Datasheet HTML 233Page - Intel Corporation 910GL Datasheet HTML 234Page - Intel Corporation 910GL Datasheet HTML 235Page - Intel Corporation 910GL Datasheet HTML 236Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 426 page
background image
Functional Description
R
232
Datasheet
12.4
PCI Express* (Intel
® 82915G/82915P82915PL Only)
Refer to Chapter 0 a for list of PCI Express features, and the PCI Express specification for further
details. The (G)MCH is part of a PCI Express root complex. This means it connects a host
processor/memory subsystem to a PCI Express hierarchy.
The PCI Express architecture is specified in layers. Compatibility with the PCI addressing model
(a load-store architecture with a flat address space) is maintained to ensure that all existing
applications and drivers operate unchanged. The PCI Express configuration uses standard
mechanisms as defined in the PCI Plug-and-Play specification. The initial speed of 1.25 GHz
(250 MHz internally) results in 2.5 Gb/s/direction that provides a 250 MB/s communications
channel in each direction (500 MB/s total) per lane that is close to twice the data rate of classic
PCI.
Note:
The PCI Express graphics port will operate in x1 mode if a non-graphics card is plugged in.
12.4.1
Transaction Layer
The upper layer of the PCI Express architecture is the Transaction Layer. The Transaction Layer’s
primary responsibility is the assembly and disassembly of Transaction Layer Packets (TLPs).
TLPs are used to communicate transactions (such as read and write as well as certain types of
events). The Transaction Layer also manages flow control of TLPs.
Note:
If the (G)MCH receives two back-to-back malformed packets, the second malformed packet is not
trapped or logged. The (G)MCH will not log or identify the second malformed packet. However,
the 1
st malformed TLP is logged, and is considered a Fatal Error. Link behavior is not guaranteed
at that point whether a 2
nd malformed TLP is detected or not.
12.4.2
Data Link Layer
The middle layer in the PCI Express stack, the Data Link Layer, serves as an intermediate stage
between the Transaction Layer and the Physical Layer. Responsibilities of Data Link Layer
include link management, error detection, and error correction.
12.4.3
Physical Layer
The Physical Layer includes all circuitry for interface operation, including driver and input
buffers, parallel-to-serial and serial-to-parallel conversion, PLL(s), and impedance matching
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com