Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 233 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 233 Page - Intel Corporation

Back Button 910GL Datasheet HTML 229Page - Intel Corporation 910GL Datasheet HTML 230Page - Intel Corporation 910GL Datasheet HTML 231Page - Intel Corporation 910GL Datasheet HTML 232Page - Intel Corporation 910GL Datasheet HTML 233Page - Intel Corporation 910GL Datasheet HTML 234Page - Intel Corporation 910GL Datasheet HTML 235Page - Intel Corporation 910GL Datasheet HTML 236Page - Intel Corporation 910GL Datasheet HTML 237Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 426 page
background image
Functional Description
R
Datasheet
233
12.5
Intel
® Serial Digital Video Output (SDVO) (Intel®
82915G/82915GV/82915GL/82910GL GMCH Only)
The 82915G/82915GV/82915GL/82910GL GMCH SDVO ports are multiplexed with the PCI
Express x16 interface. PCI Express and SDVO simultaneous operation is NOT supported, even
though SDVO does not require all of the PCI Express lanes.
The Intel
® SDVO port is the second generation of digital video output from compliant GMCH.
The electrical interface is based on the PCI Express interface, although the protocol and timings
are completely unique. Where PCI Express runs at a fixed frequency, the frequency of the SDVO
interface is dependant upon the active display resolution and timing. The port can be dynamically
configured in several modes to support display configurations.
Essentially, an SDVO port will transmit display data in a high speed, serial format across
differential AC coupled signals. An SDVO port consists of a sideband differential clock pair and
a number of differential data pairs.
12.5.1
Intel
® SDVO Capabilities
SDVO ports can support a variety of display types including LVDS, DVI, Analog CRT, TV-Out
and external CE type devices. The GMCH uses an external SDVO device to translate from SDVO
protocol and timings to the desired display format and timings.
The Internal Graphics Device on the 82915G/82915GV/82915GL/82910GL GMCH can have one
or two SDVO ports multiplexed on the x16 PCI Express interface. When an external x16 PCI
Express graphics accelerator is not in use, an ADD2 card may be plugged into the x16 connector
or if a x16 slot is not present, the SDVO(s) may be located ‘down’ on the motherboard to access
the multiplexed SDVO ports and provide a variety of digital display options.
The ADD2 card is designed to fit in a x16 PCI Express connector. The ADD2 card can support
one or two devices. If a single channel SDVO device is used, it should be attached to the channel
B SDVO pins. The ADD2 card can support two separate SDVO devices when the interface is in
Dual Independent (82915G only) or Dual Simultaneous Standard modes.
The SDVO port defines a two-wire point-to-point communication path between the SDVO device
and GMCH. The SDVO control clock and data provide similar functionality to I
2C. However,
unlike I
2C, this interface is intended to be point-to-point (from the GMCH to the SDVO device)
and will require the SDVO device to act as a switch and direct traffic from the SDVO control bus
to the appropriate receiver. Additionally, this control bus will be able to run at faster speeds (up to
1 MHz) than a traditional I
2C interface would.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com