Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 3Page - Maxim Integrated Products MAX223C/D Datasheet HTML 4Page - Maxim Integrated Products MAX223C/D Datasheet HTML 5Page - Maxim Integrated Products MAX223C/D Datasheet HTML 6Page - Maxim Integrated Products MAX223C/D Datasheet HTML 7Page - Maxim Integrated Products MAX223C/D Datasheet HTML 8Page - Maxim Integrated Products MAX223C/D Datasheet HTML 9Page - Maxim Integrated Products MAX223C/D Datasheet HTML 10Page - Maxim Integrated Products MAX223C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
_______________________________________________________________________________________
7
8.5
6.5
4.5
5.5
TRANSMITTER OUTPUT
VOLTAGE (VOH) vs. VCC
7.0
8.0
VCC (V)
5.0
7.5
1 TRANSMITTER
LOADED
3 TRANS-
MITTERS
LOADED
4 TRANSMITTERS
LOADED
2 TRANSMITTERS
LOADED
TA = +25
°C
C1–C4 = 1
μF
TRANSMITTER
LOADS =
3k
Ω || 2500pF
7.4
6.0
0
2500
TRANSMITTER OUTPUT VOLTAGE (VOH)
vs. LOAD CAPACITANCE AT
DIFFERENT DATA RATES
6.4
6.2
7.2
7.0
LOAD CAPACITANCE (pF)
1500
1000
500
2000
6.8
6.6
160kb/s
80kb/s
20kb/s
TA = +25
°C
VCC = +5V
3 TRANSMITTERS LOADED
RL = 3k
Ω
C1–C4 = 1
μF
12.0
4.0
0
2500
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
6.0
5.0
11.0
9.0
10.0
LOAD CAPACITANCE (pF)
1500
1000
500
2000
8.0
7.0
TA = +25
°C
VCC = +5V
LOADED, RL = 3k
Ω
C1–C4 = 1
μF
1 TRANSMITTER LOADED
2 TRANSMITTERS
LOADED
3 TRANSMITTERS
LOADED
4 TRANSMITTERS
LOADED
-6.0
-9.0
4.5
5.5
TRANSMITTER OUTPUT
VOLTAGE (VOL) vs. VCC
-8.0
-8.5
-6.5
-7.0
VCC (V)
5.0
-7.5
4 TRANS-
MITTERS
LOADED
TA = +25
°C
C1–C4 = 1
μF
TRANSMITTER
LOADS =
3k
Ω || 2500pF
1 TRANS-
MITTER
LOADED
2 TRANS-
MITTERS
LOADED
3 TRANS-
MITTERS
LOADED
-6.0
-7.6
0
2500
TRANSMITTER OUTPUT VOLTAGE (VOL)
vs. LOAD CAPACITANCE AT
DIFFERENT DATA RATES
-7.0
-7.2
-7.4
-6.2
-6.4
LOAD CAPACITANCE (pF)
1500
1000
500
2000
-6.6
-6.8
160kb/s
80kb/s
20kb/s
TA = +25
°C
VCC = +5V
3 TRANSMITTERS LOADED
RL = 3k
Ω
C1–C4 = 1
μF
10
-10
0
5
10 15 20
25 30
35 40 45 50
TRANSMITTER OUTPUT VOLTAGE (V+, V-)
vs. LOAD CURRENT
-2
-6
-4
-8
8
6
CURRENT (mA)
4
2
0
V+ AND V-
EQUALLY
LOADED
V- LOADED,
NO LOAD
ON V+
TA = +25
°C
VCC = +5V
C1–C4 = 1
μF
ALL TRANSMITTERS UNLOADED
V+ LOADED,
NO LOAD
ON V-
__________________________________________Typical Operating Characteristics
MAX223/MAX230–MAX241
*SHUTDOWN POLARITY IS REVERSED
FOR NON MAX241 PARTS
V+, V- WHEN EXITING SHUTDOWN
(1
μF CAPACITORS)
MAX220-13
VSHDN*
V-
O
V+
500ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com