Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 25Page - Maxim Integrated Products MAX223C/D Datasheet HTML 26Page - Maxim Integrated Products MAX223C/D Datasheet HTML 27Page - Maxim Integrated Products MAX223C/D Datasheet HTML 28Page - Maxim Integrated Products MAX223C/D Datasheet HTML 29Page - Maxim Integrated Products MAX223C/D Datasheet HTML 30Page - Maxim Integrated Products MAX223C/D Datasheet HTML 31Page - Maxim Integrated Products MAX223C/D Datasheet HTML 32Page - Maxim Integrated Products MAX223C/D Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
29
400k
Ω
+10V TO -10V VOLTAGE INVERTER
+5V TO +10V VOLTAGE DOUBLER
VCC
400k
Ω
400k
Ω
GND
+5V
+5V
+5V
+5V
+5V
25
24
23
21
20
2
1
μF
1
μF
1
μF
1
μF
1
μF
16
3
17
4
18
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
C2-
C2+
C1-
C1+
TA2OUT
TA2IN
TA3OUT
TA3IN
TA4OUT
TA4IN
9 RA1IN
10 RA1OUT
8 RA2IN
11 RA2OUT
7 RA3IN
12 RA3OUT
6 RA4IN
13 RA4OUT
5 RA5IN
14
19
RA5OUT
26
22
43
29
42
28
41
27
36
35
37
34
38
33
39
32
40
31
V-
V+
TB2OUT
TB2IN
400k
Ω
2
15
TA1OUT
TA1IN
44
30
TB1OUT
TB1IN
TB3OUT
TB3IN
TB4OUT
TB4IN
RB1IN
RB1OUT
RB2IN
RB2OUT
RB3IN
RB3OUT
RB4IN
RB4OUT
RB5IN
RB5OUT
MAX249 FUNCTIONAL DESCRIPTION
10 RECEIVERS
5 A-SIDE RECEIVERS
5 B-SIDE RECEIVERS
8 TRANSMITTERS
4 A-SIDE TRANSMITTERS
4 B-SIDE TRANSMITTERS
NO CONTROL PINS
44
1
2
3
440
41
42
43
5
21
24
26
25
27 28
22 23
19 20
8
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
38
TA3IN
MAX244
PLCC
TOP VIEW
RB3IN
RB2IN
RB1IN
RB1OUT
RB2OUT
RB3OUT
RB4OUT
RB5OUT
TB1IN
TB2IN
TA2IN
TA1IN
RA5OUT
RA4OUT
RA3OUT
RA2OUT
RA1OUT
RA1IN
RA2IN
7
39
RB4IN
RA3IN
6
18
+5V
+5V
+5V
+5V
+
Figure 20. MAX244 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com