Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 2Page - Maxim Integrated Products MAX223C/D Datasheet HTML 3Page - Maxim Integrated Products MAX223C/D Datasheet HTML 4Page - Maxim Integrated Products MAX223C/D Datasheet HTML 5Page - Maxim Integrated Products MAX223C/D Datasheet HTML 6Page - Maxim Integrated Products MAX223C/D Datasheet HTML 7Page - Maxim Integrated Products MAX223C/D Datasheet HTML 8Page - Maxim Integrated Products MAX223C/D Datasheet HTML 9Page - Maxim Integrated Products MAX223C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
mA
+5V-Powered, Multichannel RS-232
Drivers/Receivers
6
_______________________________________________________________________________________
V
0.8
1.2
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Normal operation
VSHDN = 5V (MAX223)
VSHDN = 0V (MAX235/236/240/241)
1.7
2.4
RS-232 Input Logic-Low Voltage
TA = +25°C,
VCC = +5V
0.6
1.5
V
RS-232 Input Logic-High Voltage
TA = +25°C,
VCC = +5V
Shutdown (MAX223)
VSHDN = 0V,
VEN = +5V (R4IN‚ R5IN)
1.5
2.4
ELECTRICAL CHARACTERISTICS—MAX223/MAX230–MAX241 (continued)
(MAX223/230/232/234/236/237/238/240/241, VCC = +5V ±10%; MAX233/MAX235, VCC = +5V ±5%‚ C1–C4 = 1.0µF;
MAX231/MAX239, VCC = +5V ±10%; V+ = +7.5V to +13.2V; TA = TMIN to TMAX; unless otherwise noted.) (Note 5)
Shutdown (MAX223)
VSHDN = 0V,
VEN = +5V (R4IN, R5IN)
Normal operation
VSHDN = +5V (MAX223)
VSHDN = 0V (MAX235/236/240/241)
RS-232 Input Hysteresis
VCC = +5V, no hysteresis in shutdown
0.2
0.5
1.0
V
RS-232 Input Resistance
TA = +25°C, VCC = +5V
35
7
k
Ω
TTL/CMOS Output Voltage Low
IOUT = 1.6mA (MAX231/232/233, IOUT = 3.2mA)
0.4
V
TTL/CMOS Output Voltage High
IOUT = -1mA
3.5
VCC - 0.4
V
TTL/CMOS Output Leakage Current
0V
≤ ROUT ≤ VCC; VEN = 0V (MAX223);
VEN = VCC (MAX235–241)
±0.05
±10
µA
MAX223
600
ns
Receiver Output Enable Time
Normal
operation
MAX235/236/239/240/241
400
MAX223
900
ns
Receiver Output Disable Time
Normal
operation
MAX235/236/239/240/241
250
Normal operation
0.5
10
µs
VSHDN = 0V
(MAX223)
440
Propagation Delay
RS-232 IN to
TTL/CMOS OUT,
CL = 150pF
640
3
5.1
30
V/µs
MAX231/MAX232/MAX233, TA = +25°C, VCC = +5V,
RL = 3k
Ω to 7kΩ, CL = 50pF to 2500pF, measured from
+3V to -3V or -3V to +3V
430
Transmitter Output Resistance
VCC = V+ = V- = 0V, VOUT = ±2V
300
Ω
Transmitter Output Short-Circuit
Current
±10
mA
tPHLS
tPLHS
Transition Region Slew Rate
MAX223/MAX230/MAX234–241, TA = +25°C, VCC = +5V,
RL = 3k
Ω to 7kΩ‚ CL = 50pF to 2500pF, measured from
+3V to -3V or -3V to +3V
Note 5: All units are production tested at hot except for the MAX240, which is production tested at TA = +25°C. Specifications over
temperature are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com