Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 30Page - Maxim Integrated Products MAX223C/D Datasheet HTML 31Page - Maxim Integrated Products MAX223C/D Datasheet HTML 32Page - Maxim Integrated Products MAX223C/D Datasheet HTML 33Page - Maxim Integrated Products MAX223C/D Datasheet HTML 34Page - Maxim Integrated Products MAX223C/D Datasheet HTML 35Page - Maxim Integrated Products MAX223C/D Datasheet HTML 36Page - Maxim Integrated Products MAX223C/D Datasheet HTML 37Page - Maxim Integrated Products MAX223C/D Datasheet HTML 38Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
34
______________________________________________________________________________________
400k
Ω
+10V TO -10V VOLTAGE INVERTER
+5V TO +10V VOLTAGE DOUBLER
VCC
400k
Ω
400k
Ω
GND
+5V
+5V
+5V
+5V
+5V
+5V
+5V
18
25
24
23
21
20
1
1
μF
1
μF
1
μF
1
μF
15
2
16
3
17
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
ENTA
C2-
C2+
C1-
C1+
TA1OUT
TA1IN
TA2OUT
TA2IN
TA3OUT
TA3IN
8 RA1IN
10 RA1OUT
7 RA2IN
11 RA2OUT
6 RA3IN
12 RA3OUT
5 RA4IN
13 RA4OUT
4 RA5IN
14
19
RA5OUT
9
27
26
22
44
30
43
29
42
28
37
35
38
34
39
33
40
32
41
31
36
ENRA
ENTB
V-
V+
TB1OUT
TB1IN
TB2OUT
TB2IN
TB3OUT
TB3IN
RB1IN
RB1OUT
RB2IN
RB2OUT
RB3IN
RB3OUT
RB4IN
RB4OUT
RB5IN
RB5OUT
ENRB
44
1
2
3
440
41
42
43
5
21
24
26
25
27 28
22 23
19 20
8
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
38
MAX249
PLCC
TOP VIEW
RB2IN
RB1IN
RB1OUT
MAX249 FUNCTIONAL DESCRIPTION
10 RECEIVERS
5 A-SIDE RECEIVERS
5 B-SIDE RECEIVERS
6 TRANSMITTERS
3 A-SIDE TRANSMITTERS
3 B-SIDE TRANSMITTERS
4 CONTROL PINS
ENABLE RECEIVER A-SIDE (ENRA)
ENABLE RECEIVER B-SIDE (ENRB)
ENABLE RECEIVER A-SIDE (ENTA)
ENABLE RECEIVER B-SIDE (ENTB)
RB2OUT
RB3OUT
RB4OUT
RB5OUT
TB1IN
TB2IN
TA3IN
TA2IN
TA1IN
RA4OUT
RA5OUT
RA3OUT
RA2OUT
RA1OUT
ENRA
RA1IN
7
39
RB3IN
RA2IN
6
18
ENRB
1
μF
+
Figure 25. MAX249 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com