Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 24Page - Maxim Integrated Products MAX223C/D Datasheet HTML 25Page - Maxim Integrated Products MAX223C/D Datasheet HTML 26Page - Maxim Integrated Products MAX223C/D Datasheet HTML 27Page - Maxim Integrated Products MAX223C/D Datasheet HTML 28Page - Maxim Integrated Products MAX223C/D Datasheet HTML 29Page - Maxim Integrated Products MAX223C/D Datasheet HTML 30Page - Maxim Integrated Products MAX223C/D Datasheet HTML 31Page - Maxim Integrated Products MAX223C/D Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
28
______________________________________________________________________________________
V+
V-
2
+10V
C1+
C1-
1
3
4
5
11
10
12
9
6
14
7
13
8
T1IN
R1OUT
T2IN
R2OUT
T1OUT
R1IN
T2OUT
R2IN
+5V INPUT
C2+
C2-
-10V
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
GND
15
5k
Ω
5k
Ω
400k
Ω
400k
Ω
+5V
+5V
+10V TO -10V
VOLTAGE INVERTER
+5V TO +10V
VOLTAGE DOUBLER
16
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1+
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
MAX243
DIP/SO
V+
C1-
V-
C2+
C2-
T2OUT
R2IN
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
RECEIVER INPUT
≤ -3V
OPEN
≥ +3V
R1 OUTPUT
HIGH
HIGH
LOW
R2 OUTPUT
HIGH
LOW
LOW
TOP VIEW
VCC
+
Figure 19. MAX243 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com