Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 8Page - Maxim Integrated Products MAX223C/D Datasheet HTML 9Page - Maxim Integrated Products MAX223C/D Datasheet HTML 10Page - Maxim Integrated Products MAX223C/D Datasheet HTML 11Page - Maxim Integrated Products MAX223C/D Datasheet HTML 12Page - Maxim Integrated Products MAX223C/D Datasheet HTML 13Page - Maxim Integrated Products MAX223C/D Datasheet HTML 14Page - Maxim Integrated Products MAX223C/D Datasheet HTML 15Page - Maxim Integrated Products MAX223C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
12
______________________________________________________________________________________
ENT
ENR
OPERATION STATUS
TRANSMITTERS
RECEIVERS
0
0
Normal Operation
All Active
All Active
0
1
Normal Operation
All Active
All High-Z
1
0
Shutdown
All High-Z
All Low-Power Receive Mode
1
1
Shutdown
All High-Z
All High-Z
Table 1a. MAX245 Control Pin Configurations
ENT
ENR
OPERATION
STATUS
TRANSMITTERS
RECEIVERS
TA1–TA4
TB1–TB4
RA1–RA5
RB1–RB5
0
0
Normal Operation
All Active
All Active
All Active
All Active
0
1
Normal Operation
All Active
All Active
RA1–RA4 High-Z,
RA5 Active
RB1–RB4 High-Z,
RB5 Active
1
0
Shutdown
All High-Z
All High-Z
All Low-Power
Receive Mode
All Low-Power
Receive Mode
1
1
Shutdown
All High-Z
All High-Z
RA1–RA4 High-Z,
RA5 Low-Power
Receive Mode
RB1–RB4 High-Z,
RB5 Low-Power
Receive Mode
Table 1b. MAX245 Control Pin Configurations
Table 1c. MAX246 Control Pin Configurations
ENA
ENB
OPERATION
STATUS
TRANSMITTERS
RECEIVERS
TA1–TA4
TB1–TB4
RA1–RA5
RB1–RB5
0
0
Normal Operation
All Active
All Active
All Active
All Active
0
1
Normal Operation
All Active
All High-Z
All Active
RB1–RB4 High-Z,
RB5 Active
1
0
Shutdown
All High-Z
All Active
RA1–RA4 High-Z,
RA5 Active
All Active
1
1
Shutdown
All High-Z
All High-Z
RA1–RA4 High-Z,
RA5 Low-Power
Receive Mode
RB1–RB4 High-Z,
RA5 Low-Power
Receive Mode
Control Pin Configuration Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com