Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 21Page - Maxim Integrated Products MAX223C/D Datasheet HTML 22Page - Maxim Integrated Products MAX223C/D Datasheet HTML 23Page - Maxim Integrated Products MAX223C/D Datasheet HTML 24Page - Maxim Integrated Products MAX223C/D Datasheet HTML 25Page - Maxim Integrated Products MAX223C/D Datasheet HTML 26Page - Maxim Integrated Products MAX223C/D Datasheet HTML 27Page - Maxim Integrated Products MAX223C/D Datasheet HTML 28Page - Maxim Integrated Products MAX223C/D Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
25
GND
8
3
R2OUT
22
23
R3OUT
R2IN
R3IN
5k
Ω
5k
Ω
6
7
R1OUT
R1IN
5k
Ω
RS-232
OUTPUTS
TTL/CMOS
INPUTS
RS-232
INPUTS
TTL/CMOS
OUTPUTS
R1
R2
R3
17
16
R4OUT
R4IN
5k
Ω
R4
2
5 T1IN
T1OUT
+5V
400k
Ω
+5V
18
1
T2IN
T2OUT
T2
400k
Ω
19
T3OUT
24
T3IN
+5V
T3
400k
Ω
11
C1+
C1-
1.0
μF
10
12
13
14
15
+5V INPUT
C2+
C2-
VCC
+5V TO +10V
VOLTAGE DOUBLER
9
1.0
μF
1.0
μF
+10V TO -10V
VOLTAGE INVERTER
4
1.0
μF
1.0
μF
21
20
T4IN
T4OUT
+5V
T4
400k
Ω
T1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
T3OUT
R3IN
R3OUT
T4IN
R2OUT
R2IN
T1OUT
T2OUT
TOP VIEW
T3IN
T2IN
R4OUT
GND
R1IN
R1OUT
T1IN
16
15
14
13
9
10
11
12
R4IN
V-
C2-
C2+
C1-
V+
C1+
VCC
DIP/SO
MAX238
T4OUT
+
V+
V-
Figure 16. MAX238 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com