Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 14Page - Maxim Integrated Products MAX223C/D Datasheet HTML 15Page - Maxim Integrated Products MAX223C/D Datasheet HTML 16Page - Maxim Integrated Products MAX223C/D Datasheet HTML 17Page - Maxim Integrated Products MAX223C/D Datasheet HTML 18Page - Maxim Integrated Products MAX223C/D Datasheet HTML 19Page - Maxim Integrated Products MAX223C/D Datasheet HTML 20Page - Maxim Integrated Products MAX223C/D Datasheet HTML 21Page - Maxim Integrated Products MAX223C/D Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
18
______________________________________________________________________________________
13
14
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
VCC
VCC
VCC
400k
Ω
400k
Ω
400k
Ω
400k
Ω
400k
Ω
T1OUT
+5V
+5V
0.1
μF
+5V
3
28
27
4
25
24
23
26
5
6
7
22
GND
ENR
ENR
GND
21
+5V
+5V
+5V
T2OUT
T3OUT
T4OUT
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
14
13
2
1
T5OUT
T5OUT
R1IN
R2IN
R3IN
R4IN
R5IN
T1IN
11
12
18
17
16
15
10
9
8
19
20
T2IN
T3IN
T4IN
T5IN
ENT
R2OUT
R3OUT
R4OUT
PINS (ENR, GND, VCC, T5OUT) ARE INTERNALLY CONNECTED.
CONNECT EITHER OR BOTH EXTERNALLY. T5OUT IS A SINGLE DRIVER.
R5OUT
R1OUT
VCC
ENT
T3IN
T2IN
T1IN
ENR
ENR
T4IN
T5IN
R4OUT
R5OUT
R3IN
R3OUT
R2OUT
R1OUT
20
19
18
17
9
10
11
12
R5IN
R4IN
T3OUT
T4OUT
T2OUT
T1OUT
R1IN
R2IN
SO
MAX225
16
15
T5OUT
MAX225 FUNCTIONAL DESCRIPTION
5 RECEIVERS
5 TRANSMITTERS
2 CONTROL PINS
1 RECEIVER ENABLE (ENR)
1 TRANSMITTER ENABLE (ENT)
T5OUT
GND
GND
TOP VIEW
+
Figure 7. MAX225 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com