Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAX223C/D Datasheet HTML 30Page - Maxim Integrated Products MAX223C/D Datasheet HTML 31Page - Maxim Integrated Products MAX223C/D Datasheet HTML 32Page - Maxim Integrated Products MAX223C/D Datasheet HTML 33Page - Maxim Integrated Products MAX223C/D Datasheet HTML 34Page - Maxim Integrated Products MAX223C/D Datasheet HTML 35Page - Maxim Integrated Products MAX223C/D Datasheet HTML 36Page - Maxim Integrated Products MAX223C/D Datasheet HTML 37Page - Maxim Integrated Products MAX223C/D Datasheet HTML 38Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
36
______________________________________________________________________________________
MAX238ENG+
-40°C to +85°C
24 Narrow Plastic DIP
___________________________________________Ordering Information (continued)
18 CERDIP
-55°C to +125°C
MAX242MJN
18 CERDIP
-40°C to +85°C
MAX242EJN
18 Wide SO
-40°C to +85°C
MAX242EWN+
18 Plastic DIP
-40°C to +85°C
MAX242EPN+
Dice*
0°C to +70°C
MAX242C/D
18 Wide SO
0°C to +70°C
MAX242CWN+
18 Plastic DIP
0°C to +70°C
MAX242CPN+
20 SSOP
0°C to +70°C
MAX242CAP+
28 Wide SO
-40°C to +85°C
MAX241EWI+
28 SSOP
-40°C to +85°C
MAX241EAI+
Dice*
0°C to +70°C
MAX241C/D
28 Wide SO
0°C to +70°C
MAX241CWI+
28 SSOP
0°C to +70°C
MAX241CAI+
Dice*
0°C to +70°C
MAX240C/D
44 Plastic FP
0°C to +70°C
MAX240CMH+
24 Narrow CERDIP
-55°C to +125°C
MAX239MRG
24 Narrow CERDIP
-40°C to +85°C
MAX239ERG
24 Wide SO
-40°C to +85°C
MAX239EWG+
24 Narrow Plastic DIP
-40°C to +85°C
MAX239ENG+
Dice*
0°C to +70°C
MAX239C/D
24 Wide SO
0°C to +70°C
MAX239CWG+
24 Narrow Plastic DIP
0°C to +70°C
MAX239CNG+
24 Narrow CERDIP
-55°C to +125°C
24 Wide SO
PIN-PACKAGE
TEMP RANGE
-40°C to +85°C
MAX238MRG
24 Narrow CERDIP
-40°C to +85°C
MAX238ERG
MAX238EWG+
PART
PIN-PACKAGE
TEMP RANGE
PART
44 PLCC
-40°C to +85°C
MAX249EQH+
44 PLCC
0°C to +70°C
MAX249CQH+
44 PLCC
-40°C to +85°C
MAX248EQH+
Dice*
0°C to +70°C
MAX248C/D
44 PLCC
0°C to +70°C
MAX248CQH+
40 Plastic DIP
-40°C to +85°C
MAX247EPL+
Dice*
0°C to +70°C
MAX247C/D
40 Plastic DIP
0°C to +70°C
MAX247CPL+
40 Plastic DIP
-40°C to +85°C
MAX246EPL+
Dice*
0°C to +70°C
MAX246C/D
40 Plastic DIP
0°C to +70°C
MAX246CPL+
40 Plastic DIP
-40°C to +85°C
MAX245EPL+
Dice*
0°C to +70°C
MAX245C/D
40 Plastic DIP
0°C to +70°C
MAX245CPL+
44 PLCC
-40°C to +85°C
MAX244EQH+
Dice*
0°C to +70°C
MAX244C/D
44 PLCC
0°C to +70°C
MAX244CQH+
16 CERDIP
-55°C to +125°C
MAX243MJE
16 CERDIP
-40°C to +85°C
MAX243EJE
16 Wide SO
-40°C to +85°C
MAX243EWE+
16 Narrow SO
-40°C to +85°C
MAX243ESE+
16 Plastic DIP
-40°C to +85°C
MAX243EPE+
Dice*
0°C to +70°C
MAX243C/D
16 Wide SO
0°C to +70°C
16 Plastic DIP
0°C to +70°C
MAX243CWE+
16 Narrow SO
0°C to +70°C
MAX243CSE+
MAX243CPE+
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
Contact factory for dice specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com