Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX223C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX223C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX223C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX223C/D Datasheet HTML 1Page - Maxim Integrated Products MAX223C/D Datasheet HTML 2Page - Maxim Integrated Products MAX223C/D Datasheet HTML 3Page - Maxim Integrated Products MAX223C/D Datasheet HTML 4Page - Maxim Integrated Products MAX223C/D Datasheet HTML 5Page - Maxim Integrated Products MAX223C/D Datasheet HTML 6Page - Maxim Integrated Products MAX223C/D Datasheet HTML 7Page - Maxim Integrated Products MAX223C/D Datasheet HTML 8Page - Maxim Integrated Products MAX223C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
_______________________________________________________________________________________
5
(Voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
V+ ................................................................(VCC - 0.3V) to +14V
V- ............................................................................+0.3V to -14V
Input Voltages
TIN ............................................................-0.3V to (VCC + 0.3V)
RIN .....................................................................................±30V
Output Voltages
TOUT ..................................................(V+ + 0.3V) to (V- - 0.3V)
ROUT........................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration, TOUT to GND ........................Continuous
Continuous Power Dissipation (TA = +70°C)
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)....800mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)....842mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
24-Pin Narrow Plastic DIP
(derate 13.33mW/°C above +70°C) ..........1.07W
24-Pin Plastic DIP (derate 9.09mW/°C above +70°C)......500mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C).........762mW
20-Pin Wide SO (derate 10.00mW/°C above +70°C).......800mW
24-Pin Wide SO (derate 11.76mW/°C above +70°C).......941mW
28-Pin Wide SO (derate 12.50mW/°C above +70°C) .............1W
44-Pin Plastic FP (derate 11.11mW/°C above +70°C) .....889mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C) ..........727mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C) ........800mW
20-Pin CERDIP (derate 11.11mW/°C above +70°C) ........889mW
24-Pin Narrow CERDIP
(derate 12.50mW/°C above +70°C) ..............1W
24-Pin Sidebraze (derate 20.0mW/°C above +70°C)..........1.6W
28-Pin SSOP (derate 9.52mW/°C above +70°C).............762mW
Operating Temperature Ranges
MAX2 _ _ C _ _......................................................0°C to +70°C
MAX2 _ _ E _ _ ...................................................-40°C to +85°C
MAX2 _ _ M _ _......................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
20 PDIP (P20M+1) .........................................................+225°C
24 PDIP (P24M-1) ..........................................................+225°C
All other lead(Pb)-free packages...................................+260°C
All other packages containing lead(Pb) ...........................+240°C
ABSOLUTE MAXIMUM RATINGS—MAX223/MAX230–MAX241
ELECTRICAL CHARACTERISTICS—MAX223/MAX230–MAX241
(MAX223/230/232/234/236/237/238/240/241, VCC = +5V ±10%; MAX233/MAX235, VCC = +5V ±5%‚ C1–C4 = 1.0µF;
MAX231/MAX239, VCC = +5V ±10%; V+ = +7.5V to +13.2V; TA = TMIN to TMAX; unless otherwise noted.) (Note 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Swing
All transmitter outputs loaded with 3k
Ω to ground
±5.0
±7.3
V
VCC Supply Current
No load,
TA = +25°C
510
mA
715
0.4
1
V+ Supply Current
1.8
5
mA
515
Shutdown Supply Current
TA = +25°C
15
50
V
Input Logic-High Voltage
TIN
2.0
EN, SHDN (MAX223);
EN, SHDN (MAX230/235/236/240/241)
2.4
Logic Pullup Current
VTIN =0V
1.5
200
Receiver Input Voltage
Operating Range
-30
+30
V
µA
µA
110
V
Input Logic-Low Voltage
TIN, EN, SHDN (MAX233); EN, SHDN (MAX230/235–241)
0.8
MAX231/239
MAX223/230/234–238/240/241
MAX232/233
PARAMETER
MAX239
MAX230/235/236/240/241
MAX231
MAX223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com