Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Electrical Characteristics
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
23
2
Electrical Characteristics
This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications. For additional information, see the MSC8151 Reference Manual.
2.1
Maximum Ratings
In calculating timing requirements, adding a maximum value of one specification to a minimum value of another specification
does not yield a reasonable sum. A maximum specification is calculated using a worst case variation of process parameter values
in one direction. The minimum specification is calculated using the worst case for the same parameters in the opposite direction.
Therefore, a “maximum” value for a specification never occurs in the same device with a “minimum” value for another
specification; adding a maximum to a minimum represents a condition that can never exist.
Table 2 describes the maximum electrical ratings for the MSC8151.
Table 2. Absolute Maximum Ratings
Rating
Power Rail Name
Symbol
Value
Unit
Core supply voltage
PLL supply voltage3
VDD
VDD
VDDPLL0
VDDPLL1
VDDPLL2
–0.3 to 1.1
–0.3 to 1.1
–0.3 to 1.1
–0.3 to 1.1
V
V
V
V
M3 memory supply voltage
M3VDD
VDDM3
–0.3 to 1.1
V
MAPLE-B supply voltage
MVDD
VDDM
–0.3 to 1.1
V
DDR memory supply voltage
• DDR2 mode
• DDR3 mode
DDR reference voltage
Input DDR voltage
GVDD1, GVDD2
MVREF
VDDDDR
MVREF
VINDDR
–0.3 to 1.98
–0.3 to 1.65
–0.3 to 0.51
× VDDDDR
–0.3 to VDDDDR + 0.3
V
V
V
V
I/O voltage excluding DDR and RapidIO lines
Input I/O voltage
NVDD, QVDD
VDDIO
VINIO
–0.3 to 2.625
–0.3 to VDDIO + 0.3
V
V
RapidIO pad voltage
SXPVDD1,
SXPVDD2
VDDSXP
–0.3 to 1.26
V
Rapid I/O core voltage
Rapid I/O PLL voltage3
Input RapidIO I/O voltage
SXCVDD1,
SXCVDD2
VDDSXC
VDDRIOPLL
VINRIO
–0.3 to 1.21
–0.3 to 1.21
–0.3 to VDDSXC + 0.3
V
V
V
Operating temperature
TJ
–40 to 105
°C
Storage temperature range
TSTG
–55 to +150
°C
Notes:
1.
Functional operating conditions are given in Table 3.
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the listed limits may affect device reliability or cause permanent damage.
3.
PLL supply voltage is specified at input of the filter and not at pin of the MSC8151 (see Figure 37 and Figure 38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com