Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Electrical Characteristics
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
27
2.5.1.2
DDR3 (1.5V) SDRAM DC Electrical Characteristics
Table 7 provides the recommended operating conditions for the DDR SDRAM controller when interfacing to DDR3 SDRAM.
Note:
At recommended operating conditions (see Table 3) with VDDDDR =1.5 V.
2.5.1.3
DDR2/DDR3 SDRAM Capacitance
Table 8 provides the DDR controller interface capacitance for DDR2 and DDR3 memory.
Note:
At recommended operating conditions (see Table 3) with VDDDDR = 1.8 V for DDR2 memory or VDDDDR =1.5 V for
DDR3 memory.
Table 7. DDR3 SDRAM Interface DC Electrical Characteristics
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O reference voltage
MVREF
0.49
× VDDDDR
0.51
× VDDDDR
V2,3,4
Input high voltage
VIH
MVREF + 0.100
VDDDDR
V5
Input low voltage
VIL
GND
MVREF – 0.100
V
5
I/O leakage current
IOZ
–50
50
μA6
Notes:
1.
VDDDDR is expected to be within 50 mV of the DRAM VDD at all times. The DRAM and memory controller can use the same or
different sources.
2.
MVREF is expected to be equal to 0.5 × VDDDDR, and to track VDDDDR DC variations as measured at the receiver.
Peak-to-peak noise on MVREF may not exceed ±1% of the DC value.
3.
VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF with a minimum value of MVREF – 0.4 and a maximum value of MVREF + 0.04 V. VTT should track variations
in the DC-level of MVREF.
4.
The voltage regulator for MVREF must be able to supply up to 250 μA.
5.
Input capacitance load for DQ, DQS, and DQS signals are available in the IBIS models.
6.
Output leakage is measured with all outputs are disabled, 0 V
≤ V
OUT
≤ V
DDDDR.
Table 8. DDR2/DDR3 SDRAM Capacitance
Parameter
Symbol
Min
Max
Unit
Notes
I/O capacitance: DQ, DQS, DQS
CIO
6
8
pF
1, 2
Delta I/O capacitance: DQ, DQS, DQS
CDIO
—
0.5
pF
1, 2
Notes:
1.
This parameter is sampled. VDDDDR = 1.8 V ± 0.1 V (for DDR2), f = 1 MHz, TA = 25°C, VOUT = VDDDDR/2,
VOUT (peak-to-peak) = 0.2 V.
2.
This parameter is sampled. VDDDDR = 1.5 V ± 0.075 V (for DDR3), f = 1 MHz, TA = 25°C, VOUT = VDDDDR/2,
VOUT (peak-to-peak) = 0.175 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com