Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
36
2.5.4
RGMII and Other Interface DC Electrical Characteristics
Table 17 describes the DC electrical characteristics for the following interfaces:
•RGMII Ethernet
•
SPI
•TDM
•GPIO
•
UART
•TIMER
•EE
•I2C
•
Interrupts (IRQn, NMI_OUT, INT_OUT)
•
Clock and resets (CLKIN, PORESET, HRESET, SRESET)
•
DMA External Request
•JTAG signals
Table 17. 2.5 V I/O DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
1.7
—
V
1
Input low voltage
VIL
—0.7
V
1
Input high current (VIN = VDDIO)IIN
—10
μA2
Output low current (VIN = GND)
IIL
–15
—
μA2
Output high voltage (VDDIO = min, IOH = –1.0 mA
VOH
2.0
VDDIO + 0.3
V
1
Output low voltage (VDDIO = min, IOL= 1.0 mA)
VOL
GND – 0.3
0.40
V
1
Notes:
1.
The min VIL and max VIH values are based on the respective min and max VIN values listed in Table 3.
2.
The symbol VIN represents the input voltage of the supply. It is referenced in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com