Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Electrical Characteristics
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
35
Table 16 describes the SGMII SerDes receiver AC-coupled DC electrical characteristics.
Table 16. SGMII DC Receiver Electrical Characteristics5
Parameter
Symbol
Min
Typ
Max
Unit
Notes
DC Input voltage range
—
N/A
—
1
Input
differential
voltage
SRDSnCR4[EICE{12:10}] = 0b001 for SGMII1
SRDSnCR4[EICF{4:2}] = 0b001 for SGMII2
VRX_DIFFp-p
100
—
1200
mV
2, 4
SRDSnCR4[EICE{12:10}] = 0b100 for SGMII1
SRDSnCR4[EICF{4:2}] = 0b100 for SGMII2
175
—
Loss of
signal
threshold
SRDSnCR4[EICE{12:10}] = 0b001 for SGMII1
SRDSnCR4[EICF{4:2}] = 0b001 for SGMII2
VLOS
30
—
100
mV
3, 4
SRDSnCR4[EICE{12:10}] = 0b100 for SGMII1
SRDSnCR4[EICF{4:2}] = 0b100 for SGMII2
65
—
175
Receiver differential input impedance
ZRX_DIFF
80
—
120
W
—
Notes:
1.
Input must be externally AC-coupled.
2.
VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage.
3.
The concept of this parameter is equivalent to the Electrical Idle Detect Threshold parameter in the PCI Express interface.
Refer to the PCI Express Differential Receiver (RX) Input Specifications section of the PCI Express Specification document.
for details.
4.
The values for SGMII1 and SGMII2 are selected in the SRDS control registers.
5.
The supply voltage is 1.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com