Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Electrical Characteristics
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
25
2.3
Thermal Characteristics
Table 4 describes thermal characteristics of the MSC8151 for the FC-PBGA packages.
2.4
CLKIN Requirements
Table 5 summarizes the required characteristics for the CLKIN signal.
Table 4. Thermal Characteristics for the MSC8151
Characteristic
Symbol
FC-PBGA
29
× 29 mm2
Unit
Natural
Convection
200 ft/min
(1 m/s) airflow
Junction-to-ambient1, 2
RθJA
18
12
°C/W
Junction-to-ambient, four-layer board1, 2
RθJA
13
9
°C/W
Junction-to-board (bottom)3
RθJB
5
°C/W
Junction-to-case4
RθJC
0.6
°C/W
Notes:
1.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESDC51-6. Thermal test board meets JEDEC
specification for the specified package.
3.
Junction-to-board thermal resistance determined per JEDEC JESD 51-8. Thermal test board meets JEDEC specification for
the specified package.
4.
Junction-to-case at the top of the package determined using MIL- STD-883 Method 1012.1. The cold plate temperature is used
for the case temperature. Reported value includes the thermal resistance of the interface layer
Table 5. CLKIN Requirements
Parameter/Condition1
Symbol
Min
Typ
Max
Unit
Notes
CLKIN duty cycle
—
40
—
60
%
2
CLKIN slew rate
—
1
—
4
V/ns
3
CLKIN peak period jitter
—
—
—
±150
ps
—
CLKIN jitter phase noise at –56 dBc
—
—
—
500
KHz
4
AC input swing limits
ΔVAC
1.5
—
—
V
—
Input capacitance
CIN
——
15
pf
—
Notes:
1.
For clock frequencies, see the Clock chapter in the MSC8151 Reference Manual.
2.
Measured at the rising edge and/or the falling edge at VDDIO/2.
3.
Slew rate as measured from ±20% to 80% of voltage swing at clock input.
4.
Phase noise is calculated as FFT of TIE jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com