Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Hardware Design Considerations
Freescale Semiconductor
60
3.5.1.2
DDR Interface Is Used With 32-Bit DDR Memory Only
Table 41 lists unused pin connection when using 32-bit DDR memory. The 32 most significant data lines are not used.
3.5.1.3
ECC Unused Pin Connections
When the error code correction mechanism is not used in any 32- or 64-bit DDR configuration, refer to Table 42 to determine
the correct pin connections.
Table 41. Connectivity of DDR Related Pins When Using 32-bit DDR Memory Only
Signal Name
Pin Connection
MDQ[31–0]
in use
MDQ[63–32]
NC
MDQS[3–0]
in use
MDQS[7–4]
NC
MDQS[3–0]
in use
MDQS[7–4]
NC
MA[15–0]
in use
MCK[2–0]
in use
MCK[2–0]
in use
MCS[1–0]
in use
MDM[3–0]
in use
MDM[7–4]
NC
MBA[2–0]
in use
MCAS
in use
MCKE[1–0]
in use
MODT[1–0]
in use
MMDIC[1–0]
in use
MRAS
in use
MWE
in use
MVREF
in use
GVDD1/GVDD2
in use
Notes:
1.
For the signals listed in this table, the initial M stands for M1 or M2 depending on which DDR controller is not used.
2.
For MSC8151 Revision 1 silicon, these pins were connected to GND (or VDD). For newer revisions of the MSC8151,
connecting these pins to GND increases device power consumption.
Table 42. Connectivity of Unused ECC Mechanism Pins
Signal Name
Pin connection
MECC[7–0]
NC
MDM8
NC
MDQS8
NC
MDQS8
NC
Notes:
1.
For the signals listed in this table, the initial M stands for M1 or M2 depending on which DDR controller is not used.
2.
For MSC8151 Revision 1 silicon, these pins were connected to GND (or VDD). For newer revisions of the MSC8151,
connecting these pins to GND increases device power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com