Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
Hardware Design Considerations
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
53
3
Hardware Design Considerations
The following sections discuss areas to consider when the MSC8151 device is designed into a system.
3.1
Power Supply Ramp-Up Sequence
The following subsections describe the required device initialization sequence.
3.1.1
Clock, Reset, and Supply Coordination
Starting the device requires coordination between several inputs including: clock, reset, and power supplies. Follow this
guidelines when starting up an MSC8151 device:
•
PORESET and TRST must be asserted externally for the duration of the supply ramp-up, using the VDDIO supply.
TRST deassertion does not have to be synchronized with PORESET deassertion. However, TRST must be deasserted
before normal operation begins to ensure correct functionality of the device.
•
CLKIN should toggle at least 32 cycles before PORESET deassertion to guarantee correct device operation. The 32
cycles should only be counted from the time after VDDIO reaches its nominal value (see timing 1 in Figure 33).
•
CLKIN should either be stable low during ramp-up of VDDIO supply (and start its swings after ramp-up) or should
swing within VDDIO range during VDDIO ramp-up, so its amplitude grows as VDDIO grows during ramp-up.
Figure 33 shows a sequence in which VDDIO ramps-up after VDD and CLKIN begins to toggle with the raise of VDDIO supply.
Note:
For details on power-on reset flow and duration, see the Reset chapter in the MSC8151 Reference Manual.
Figure 33. Supply Ramp-Up Sequence with VDD Ramping Before VDDIO and CLKIN Starting With VDDIO
Time
VDDIO Nominal
PORESET/TRST asserted
VDD Nominal
CLKIN starts toggling
VDD applied
PORESET deasserted
1
VDDIO applied
VDDIO = Nominal
VDD = Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com