Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
32
— For an external AC-coupled connection, there is no common mode voltage requirement for the clock driver.
Because the external AC-coupling capacitor blocks the DC-level, the clock driver and the SerDes reference clock
receiver operate in different command mode voltages. The SerDes reference clock receiver in this connection
scheme has its common mode voltage set to GNDSXC. Each signal wire of the differential inputs is allowed to
swing below and above the command mode voltage GNDSXC. Figure 8 shows the SerDes reference clock input
requirement for AC-coupled connection scheme.
•
Single-Ended Mode
— The reference clock can also be single-ended. The SR[1–2]_REF_CLK input amplitude (single-ended swing)
must be between 400 mV and 800 mV peak-peak (from VMIN to VMAX) with SR[1–2]_REF_CLK either left
unconnected or tied to ground.
— The SR[1–2]_REF_CLK input average voltage must be between 200 and 400 mV. Figure 9 shows the SerDes
reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs may need to be DC- or AC-coupled
externally. For the best noise performance, the reference of the clock could be DC- or AC-coupled into the unused
phase (SR[1–2]_REF_CLK) through the same source impedance as the clock input (SR[1–2]_REF_CLK) in use.
2.5.3.2
DC-Level Requirements for PCI Express Configurations
The DC-level requirements for PCI Express implementations have separate requirements for the Tx and Rx lines. The
MSC8151 supports a 2.5 Gbps PCI Express interface defined by the PCI Express Base Specification, Revision 1.0a. The
transmitter specifications are defined in Table 11 and the receiver specifications are defined in Table 12.
Figure 8. Differential Reference Clock Input DC Requirements (External AC-Coupled)
Figure 9. Single-Ended Reference Clock Input DC Requirements
SR[1–2]_REF_CLK
SR[1–2]_REF_CLK
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
Vmax < Vcm + 400 mV
Vmin > Vcm – 400 mV
SR[1–2]_REF_CLK
SR[1–2]_REF_CLK
400 mV < SR[1–2]_REF_CLK Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com