Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
42
Notes:
1.
Caution: Only 100 and 125 have been tested. Other values will not work correctly with the rest of the system.
2.
Limits from PCI Express CEM Rev 1.0a
3.
Measured from –200 mV to +200 mV on the differential waveform (derived from SR[1–2]_REF_CLK minus
SR[1–2]_REF_CLK). The signal must be monotonic through the measurement region for rise and fall time. The 400 mV
measurement window is centered on the differential zero crossing. See Figure 16.
4.
Measurement taken from differential waveform
5.
Measurement taken from single-ended waveform
6.
Matching applies to rising edge for SR[1–2]_REF_CLK and falling edge rate for SR[1–2]_REF_CLK. It is measured using a
200 mV window centered on the median cross point where SR[1–2]_REF_CLK rising meets SR[1–2]_REF_CLK falling. The
median cross point is used to calculate the voltage thresholds that the oscilloscope uses for the edge rate calculations. The
rise edge rate of SR[1–2]_REF_CLK should be compared to the fall edge rate of SR[1–2]_REF_CLK; the maximum allowed
difference should not exceed 20% of the slowest edge rate. See Figure 17.
Figure 16. Differential Measurement Points for Rise and Fall Time
Figure 17. Single-Ended Measurement Points for Rise and Fall Time Matching
Table 24. SR[1–2]_REF_CLK and SR[1–2]_REF_CLK Input Clock Requirements (continued)
Parameter
Symbol
Min
Typical
Max
Units
Notes
VIH = +200 mV
VIL = –200 mV
0.0 V
SR[1–2]_REF_CLK
–
SR[1–2]_REF_CLK
Fall Edge Rate
Rise Edge Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com