Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8151 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MSC8151
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MSC8151 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8151 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
30
2.5.2.2
SerDes Reference Clock Receiver Characteristics
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by the corresponding
SerDes lanes. The SerDes reference clock inputs are SR1_REF_CLK/SR1_REF_CLK or SR2_REF_CLK/SR2_REF_CLK.
Figure 5 shows a receiver reference diagram of the SerDes reference clocks.
The characteristics of the clock signals are as follows:
•
The supply voltage requirements for VDDSXC are as specified in Table 3.
•
The SerDes reference clock receiver reference circuit structure is as follows:
—The SR[1–2]_REF_CLK and SR[1–2]_REF_CLK are internally AC-coupled differential inputs as shown in
Figure 5. Each differential clock input (SR[1–2]_REF_CLK or SR[1–2]_REF_CLK) has on-chip 50-
Ω
termination to GNDSXC followed by on-chip AC-coupling.
— The external reference clock driver must be able to drive this termination.
— The SerDes reference clock input can be either differential or single-ended. Refer to the differential mode and
single-ended mode descriptions below for detailed requirements.
•
The maximum average current requirement also determines the common mode voltage range.
— When the SerDes reference clock differential inputs are DC coupled externally with the clock driver chip, the
maximum average current allowed for each input pin is 8 mA. In this case, the exact common mode input voltage
is not critical as long as it is within the range allowed by the maximum average current of 8 mA because the input
is AC-coupled on-chip.
— This current limitation sets the maximum common mode input voltage to be less than 0.4 V (0.4 V
/ 50 = 8 mA)
while the minimum common mode input level is 0.1 V above GNDSXC. For example, a clock with a 50/50 duty
cycle can be produced by a clock driver with output driven by its current source from 0 mA to 16 mA (0–0.8 V),
such that each phase of the differential input has a single-ended swing from 0 V to 800 mV with the common mode
voltage at 400 mV.
— If the device driving the SR[1–2]_REF_CLK and SR[1–2]_REF_CLK inputs cannot drive 50
Ω to GND
SXC DC or
the drive strength of the clock driver chip exceeds the maximum input current limitations, it must be AC-coupled
externally.
•
The input amplitude requirement is described in detail in the following sections.
Figure 5. Receiver of SerDes Reference Clocks
Input
Amp
50
Ω
50
Ω
SR[1–2]_REF_CLK
SR[1–2]_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com