Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74788 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC74788
Description  On-Screen Display Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74788 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC74788 Datasheet HTML 4Page - Sanyo Semicon Device LC74788 Datasheet HTML 5Page - Sanyo Semicon Device LC74788 Datasheet HTML 6Page - Sanyo Semicon Device LC74788 Datasheet HTML 7Page - Sanyo Semicon Device LC74788 Datasheet HTML 8Page - Sanyo Semicon Device LC74788 Datasheet HTML 9Page - Sanyo Semicon Device LC74788 Datasheet HTML 10Page - Sanyo Semicon Device LC74788 Datasheet HTML 11Page - Sanyo Semicon Device LC74788 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Display Control Commands
Display control commands have an 8-bit format and are transferred using the serial input function. Commands consist of
a command identification code in the first byte and command data in the following bytes. The following commands are
supported.
1
COMMAND0:
Display memory (VRAM) write address setup command
2
COMMAND1:
Display character data write command
3
COMMAND2:
Vertical display start position and vertical character size setup command
4
COMMAND3:
Horizontal display start position and horizontal character size setup command
5
COMMAND4:
Display control setup command
6
COMMAND5:
Display control setup command
7
COMMAND6:
Synchronizing signal detection setup command
8
COMMAND7:
Display control setup command
9
COMMAND8:
Display control setup command
10 COMMAND9:
Display control setup command
11 COMMAND10: Display control setup command
Once written, a first byte command identification code is stored until the next first byte is written. However, when the
display character data write command (COMMAND1) is written, the LC74788/M/JM locks into the display character
data write mode, and another first byte cannot be written.
When the CS pin is set high, the LC74788/M/JM is set to the COMMAND0 (display memory write address setup mode)
state.
No. 5731-8/23
LC74788, 74788M, 74788JM
Display Control Command Table
First byte
Second byte
Command
Command identification code
Data
Data
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
COMMAND0
1
0
0
0
V3
V2
V1
V0
0
0
0
H4
H3
H2
H1
H0
Write address setup
COMMAND1
1
0
0
1
0
0
0
at
c7
c6
c5
c4
c3
c2
c1
c0
Character write
COMMAND2
1
0
1
0
VS
VS
VS
VS
0
FS
VP
VP
VP
VP
VP
VP
Vertical character size and vertical
21
20
11
10
5
4
3
2
1
0
display start position
COMMAND3
1
0
1
1
HS
HS
HS
HS
0
LC
HP
HP
HP
HP
HP
HP
Horizontal character size and
21
20
11
10
5
4
3
2
1
0
horizontal display start position
COMMAND4
1
1
0
0
TST
RAM
OSC
SYS
0
BLK
BLK
BLK
BK
BK
RV
DSP
Display control
MOD
ERS
STP
RST
2
1
0
1
0
ON
COMMAND5
1
1
0
1
NP
NP
NON
INT
0
NP
HLF
BCL
CB
PH
PH
PH
Display control
1
0
2
INT
2
1
0
COMMAND6
1
1
1
0
SEL
MOD
DIS
MUT
0
RN
RN
RN
SN
SN
SN
SN
Synchronizing signal detection
0
0
LIN
2
1
0
3
2
1
0
COMMAND7
1
1
1
1
0
0
SEL
CTL
0
CIN
CIN
VNP
VSP
MSK
MSK
EGL
Display control
1
3
SEL
CTL
SEL
SEL
ERS
SEL
COMMAND8
1
1
1
1
0
1
VSY
HSY
0
LNA
LNA
LNA
LNA
LPA
LPA
LPA
Display control
SEL
SEL
3
2
1
0
2
1
0
COMMAND9
1
1
1
1
1
0
LNB
MOD
0
LNB
LNB
LNB
LNB
LPB
LPB
LPB
Display control
SEL
2
3
2
1
0
2
1
0
COMMAND10
1
1
1
1
1
1
LNC
MOD
0
LNC
LNC
LNC
LNC
LPC
LPC
LPC
Display control
SEL
3
3
2
1
0
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com